Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1360C-200AJXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1360C-200AJXC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1360C-200AJXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1360C-200AJXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1360C-200AJXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C
CY7C1362C
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05540 Rev. *H
Revised September 14, 2006
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 166 MHz
• Registered inputs and outputs for pipelined operation
• 3.3V core power supply (VDD)
• 2.5V/3.3V I/O operation (VDDQ)
• Fast clock-to-output times
— 2.8 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Single Cycle Chip Deselect
• Available in lead-free 100-Pin TQFP package, lead-free
and non lead-free 119-Ball BGA package and 165-Ball
FBGA package
• TQFP Available with 3-Chip Enable and 2-Chip Enable
• IEEE 1149.1 JTAG-Compatible Boundary Scan
Functional Description[1]
The CY7C1360C/CY7C1362C SRAM integrates 256K x 36
and 512K x 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3[2]), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWX, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to two or four bytes wide as
controlled by the Byte Write control inputs. GW when active
LOW causes all bytes to be written.
The CY7C1360C/CY7C1362C operates from a +3.3V core
power supply while all outputs may operate with either a +2.5
or +3.3V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Notes:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3 is for A version of TQFP (3 Chip Enable option) and 165 FBGA package only. 119 BGA is offered only in 2 Chip Enable.
A0, A1, A
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
DQA,DQPA
WRITE DRIVER
OUTPUT
BUFFERS
DQB,DQPB
WRITE DRIVER
A[1:0]
ZZ
SLEEP
CONTROL
Logic Block Diagram – CY7C1362C (512K x 18)


Similar Part No. - CY7C1360C-200AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360C-200AJXC CYPRESS-CY7C1360C-200AJXC Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C-200AJXC CYPRESS-CY7C1360C-200AJXC Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
More results

Similar Description - CY7C1360C-200AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com