Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25-250AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1380CV25-250AC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25-250AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1380CV25-250AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380CV25-250AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
Document #: 38-05240 Rev. *C
Page 6 of 33
CY7C1380CV25–Pin Definitions
Name
TQFP
BGA
fBGA
I/O
Description
A0, A1, A
37,36,32,
33,34,35,
42,43,44,45,
46,47,48,
49,50,81,
82,99,100
P4,N4,
A2,B2,
C2,R2,
A3,B3,C3,
T3,T4,A5,B5,
C5,
T5,A6,B6,C6,R6
R6,P6,A2,
A10,B2,
B10,N6,P3,P4,
P8,P9,P10,
P11,R3,R4,R8,
R9,R10,R11
Input-
Synchronous
Address Inputs used to select one of the
address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and
CE1,CE2, andCE3[2]are sampled active. A1: A0
are fed to the two-bit counter..
BWA,BWB
BWC,BWD
93,94,95,
96
L5,G5,
G3,L3
B5,A5,A4,
B4
Input-
Synchronous
Byte Write Select Inputs, active LOW.
Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW. When
asserted LOW on the rising edge of CLK, a
global write is conducted (ALL bytes are written,
regardless of the values on BWX and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW.
Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous
inputs to the device. Also used to increment the
burst counter when ADV is asserted LOW,
during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on
the rising edge of CLK. Used in conjunction with
CE2 and CE3 to select/deselect the device.
ADSP is ignored if CE1 is HIGH.
CE2[2]
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on
the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device.
CE3[2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on
the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device.Not
available for AJ package version.Not connected
for BGA. Where referenced, CE3 is assumed
active throughout this document for BGA.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input, active
LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins behave as outputs.
When deasserted HIGH, I/O pins are
three-stated, and act as input data pins. OE is
masked during the first clock of a read cycle
when emerging from a deselected state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the rising
edge of CLK, active LOW. When asserted, it
automatically increments the address in a burst
cycle.
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled on
the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the
device are captured in the address registers. A1:
A0 are also loaded into the burst counter. When
ADSP and ADSC are both asserted, only ADSP
is recognized. ASDP is ignored when CE1 is
deasserted HIGH.


Similar Part No. - CY7C1380CV25-250AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-250AC CYPRESS-CY7C1380CV25-250AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1380CV25-250AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com