Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1378C-250AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1378C-250AXC
Description  9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1378C-250AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1378C-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1378C-250AXC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7C1378C
Document #: 38-05687 Rev. *F
Page 9 of 13
Switching Characteristics Over the Operating Range [12, 13, 14, 15, 16]
Parameter
Description
–250
–200
–166
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tPOWER
VDD (typical) to the First Access
[13]
11
1
ms
Clock
tCYC
Clock Cycle Time
4.0
5.0
6.0
ns
tCH
Clock HIGH
1.8
2.0
2.4
ns
tCL
Clock LOW
1.8
2.0
2.4
ns
Output Times
tCO
Data Output Valid after CLK Rise
2.8
3.2
3.5
ns
tDOH
Data Output Hold after CLK Rise
1.25
1.5
1.5
ns
tCLZ
Clock to Low-Z[14, 15, 16]
1.25
1.5
1.5
ns
tCHZ
Clock to High-Z[14, 15, 16]
1.25
2.8
1.5
3.2
1.5
3.5
ns
tOEV
OE LOW to Output Valid
2.8
3.2
3.5
ns
tOELZ
OE LOW to Output Low-Z[14, 15, 16]
00
0
ns
tOEHZ
OE HIGH to Output High-Z[14, 15, 16]
2.8
3.2
3.5
ns
Set-up Times
tAS
Address Set-up before CLK Rise
1.4
1.5
1.5
ns
tALS
ADV/LD Set-up before CLK Rise
1.4
1.5
1.5
ns
tWES
GW, BW[A:D] Set-up before CLK Rise
1.4
1.5
1.5
ns
tCENS
CEN Set-up before CLK Rise
1.4
1.5
1.5
ns
tDS
Data Input Set-up before CLK Rise
1.4
1.5
1.5
ns
tCES
Chip Enable Set-up before CLK Rise
1.4
1.5
1.5
ns
Hold Times
tAH
Address Hold after CLK Rise
0.4
0.5
0.5
ns
tALH
ADV/LD Hold after CLK Rise
0.4
0.5
0.5
ns
tWEH
GW, BW[A:D] Hold after CLK Rise
0.4
0.5
0.5
ns
tCENH
CEN Hold after CLK Rise
0.4
0.5
0.5
ns
tDH
Data Input Hold after CLK Rise
0.4
0.5
0.5
ns
tCEH
Chip Enable Hold after CLK Rise
0.4
0.5
0.5
ns
Notes:
12. Test conditions shown in (a), (b) and (c) of AC Test Loads.
13. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD minimum initially before a Read or Write operation
can be initiated.
14. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
15. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve Three-state prior to Low-Z under the same system conditions.
16. This parameter is sampled and not 100% tested.


Similar Part No. - CY7C1378C-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1378B-166AC CYPRESS-CY7C1378B-166AC Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1378C-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1334H CYPRESS-CY7C1334H Datasheet
575Kb / 13P
   2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com