Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1378C-166AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1378C-166AXC
Description  9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1378C-166AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1378C-166AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1378C-166AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C1378C
Document #: 38-05687 Rev. *F
Page 8 of 13
Capacitance[11]
Parameter
Description
Test Conditions
100 TQFP
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V,
VDDQ = 3.3V
5pF
CCLK
Clock Input Capacitance
5
pF
CI/O
Input/Output Capacitance
5
pF
Thermal Resistance[11]
Parameter
Description
Test Conditions
100 TQFP Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, per
EIA/JESD51
29.41
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
6.13
°C/W
AC Test Loads and Waveforms
Note:
11. Tested initially and after any design or process changes that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VL = 1.5V
3.3V
ALL INPUT PULSES
VDD
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
3.3V I/O Test Load


Similar Part No. - CY7C1378C-166AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1378B-166AC CYPRESS-CY7C1378B-166AC Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1378C-166AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1334H CYPRESS-CY7C1334H Datasheet
575Kb / 13P
   2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com