Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1348G-166AXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1348G-166AXI
Description  4-Mbit (128K x 36) Pipelined DCD Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1348G-166AXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1348G-166AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1348G-166AXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY7C1348G
Document #: 38-05608 Rev. *D
Page 11 of 16
Switching Waveforms
Read Timing[17]
Note:
17. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
tCYC
tCL
CLK
ADSP
tADH
tADS
ADDRESS
tCH
OE
ADSC
CE
tAH
tAS
A1
tCEH
tCES
GW, BWE,BW
Data Out (Q)
High-Z
tDOH
tCO
ADV
tOEHZ
tCO
Single READ
BURST READ
tOEV
tOELZ
tCHZ
Burst wraps around
to its initial state
tADVH
tADVS
tWEH
tWES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A3)
Q(A2 + 3)
A2
A3
Deselect
cycle
Burst continued with
new base address
ADV suspends burst
DON’T CARE
UNDEFINED
[A:D]
CLZ
t


Similar Part No. - CY7C1348G-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340A-100AC CYPRESS-CY7C1340A-100AC Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340A-66AI CYPRESS-CY7C1340A-66AI Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1340F-100AC CYPRESS-CY7C1340F-100AC Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1348G-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
   2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1219H CYPRESS-CY7C1219H Datasheet
359Kb / 16P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com