Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327G-250BGXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1327G-250BGXI
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-250BGXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1327G-250BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1327G-250BGXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C1327G
Document #: 38-05519 Rev. *F
Page 7 of 18
Truth Table[2, 3, 4, 5, 6]
Next Cycle
Add. Used
CE1
CE2
CE3
ZZ
ADSP
ADSC
ADV
OE
DQ
WRITE
Unselected
None
H
X
X
L
X
L
X
X
Tri-State
X
Unselected
None
L
X
H
L
L
X
X
X
Tri-State
X
Unselected
None
L
L
X
L
L
X
X
X
Tri-State
X
Unselected
None
L
X
H
L
H
L
X
X
Tri-State
X
Unselected
None
L
L
X
L
H
L
X
X
Tri-State
X
Begin Read
External
L
H
L
L
L
X
X
X
Tri-State
X
Begin Read
External
L
H
L
L
H
L
X
X
Tri-State
H
Continue Read
Next
X
X
X
L
H
H
L
H
Tri-State
H
Continue Read
Next
X
X
X
L
H
H
L
L
DQ
H
Continue Read
Next
H
X
X
L
X
H
L
H
Tri-State
H
Continue Read
Next
H
X
X
L
X
H
L
L
DQ
H
Suspend Read
Current
X
X
X
L
H
H
H
H
Tri-State
H
Suspend Read
Current
X
X
X
L
H
H
H
L
DQ
H
Suspend Read
Current
H
X
X
L
X
H
H
H
Tri-State
H
Suspend Read
Current
H
X
X
L
X
H
H
L
DQ
H
Begin Write
Current
X
X
X
L
H
H
H
X
Tri-State
L
Begin Write
Current
H
X
X
L
X
H
H
X
Tri-State
L
Begin Write
External
L
H
L
L
H
H
X
X
Tri-State
L
Continue Write
Next
X
X
X
L
H
H
H
X
Tri-State
L
Continue Write
Next
H
X
X
L
X
H
H
X
Tri-State
L
Suspend Write
Current
X
X
X
L
H
H
H
X
Tri-State
L
Suspend Write
Current
H
X
X
L
X
H
H
X
Tri-State
L
ZZ “Sleep”
None
X
X
X
H
X
X
X
X
Tri-State
X
Truth Table for Read/Write[2]
Function
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write Byte A – (DQA and DQPA)H
L
H
L
Write Byte B – (DQB and DQPB)H
L
L
H
Write Bytes B, A
H
L
L
L
Write All Bytes
H
L
L
L
Write All Bytes
L
X
X
X
Notes:
2. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
3. WRITE = L when any one or more Byte Write enable signals (BWA, BWB) and BWE = L or GW = L. WRITE = H when all Byte write enable signals (BWA, BWB),
BWE, GW = H.
4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
5. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BW[A: B]. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a
don't care for the remainder of the write cycle.
6. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is
inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1327G-250BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-250BGXI CYPRESS-CY7C1327G-250BGXI Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-250BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com