Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327G-250BGXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1327G-250BGXC
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-250BGXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1327G-250BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-250BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05519 Rev. *F
Revised July 5, 2006
Features
• Registered inputs and outputs for pipelined operation
• 256K ×18 common I/O architecture
• 3.3V core power supply (VDD)
• 2.5V I/O power supply (VDDQ)
• Fast clock-to-output times
— 2.6 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Offered in lead-free 100-pin TQFP package, lead-free
and non-lead-free 119-ball BGA package
• “ZZ” Sleep Mode Option
Functional Description[1]
The CY7C1327G SRAM integrates 256K x 18 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit
counter for internal burst operation. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables
(BW[A:B], and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to two bytes wide as
controlled by the byte write control inputs. GW when active
LOW causes all bytes to be written.
The CY7C1327G operates from a +3.3V core power supply
while all outputs also operate with a +3.3V or a +2.5V supply.
All inputs and outputs are JEDEC-standard JESD8-5-
compatible.
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Logic Block Diagram
A0, A1, A
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
DQA,DQPA
WRITE DRIVER
OUTPUT
BUFFERS
DQB,DQPB
WRITE DRIVER
A[1:0]
ZZ
SLEEP
CONTROL


Similar Part No. - CY7C1327G-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-250BGXC CYPRESS-CY7C1327G-250BGXC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com