Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1916CV18-250BZI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1916CV18-250BZI
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1916CV18-250BZI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1916CV18-250BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1916CV18-250BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
18-Mbit DDR-II SRAM 2-Word
Burst Architecture
CY7C1316CV18, CY7C1916CV18
CY7C1318CV18, CY7C1320CV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-07160 Rev. *C
Revised September 26, 2007
Features
18-Mbit density (2M x 8, 2M x 9, 1M x 18, 512K x 36)
267 MHz clock for high bandwidth
2-word burst for reducing address bus frequency
Double Data Rate (DDR) interfaces
(data transferred at 534 MHz) at 267 MHz
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Two input clocks for output data (C and C) to minimize clock
skew and flight time mismatches
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Synchronous internally self-timed writes
DDR-II operates with 1.5 cycle read latency when the DLL is
enabled
Operates similar to a DDR-I device with 1 cycle read latency in
DLL off mode
1.8V core power supply with HSTL inputs and outputs
Variable drive HSTL output buffers
Expanded HSTL output voltage (1.4V–VDD)
Available in 165-Ball FBGA package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1316CV18 – 2M x 8
CY7C1916CV18 – 2M x 9
CY7C1318CV18 – 1M x 18
CY7C1320CV18 – 512K x 36
Functional Description
The CY7C1316CV18, CY7C1916CV18, CY7C1318CV18, and
CY7C1320CV18 are 1.8V Synchronous Pipelined SRAMs
equipped with DDR-II architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry and
a one-bit burst counter. Addresses for read and write are latched
on alternate rising edges of the input (K) clock. Write data is
registered on the rising edges of both K and K. Read data is
driven on the rising edges of C and C if provided, or on the rising
edge of K and K if C/C are not provided. Each address location
is associated with two 8-bit words in the case of CY7C1316CV18
and two 9-bit words in the case of CY7C1916CV18 that burst
sequentially into or out of the device. The burst counter always
starts with a ‘0’ internally in the case of CY7C1316CV18 and
CY7C1916CV18. For CY7C1318CV18 and CY7C1320CV18,
the burst counter takes in the least significant bit of the external
address and bursts two 18-bit words (in the case of
CY7C1318CV18) of two 36-bit words (in the case of
CY7C1320CV18) sequentially into or out of the device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs, D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need to capture data
separately from each individual DDR SRAM in the system
design. Output data clocks (C/C) enable maximum system
clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
267 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
267
250
200
167
MHz
Maximum Operating Current
x8
775
705
575
490
mA
x9
780
710
580
490
x18
805
730
600
510
x36
855
775
635
540
[+] Feedback


Similar Part No. - CY7C1916CV18-250BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1916BV18 CYPRESS-CY7C1916BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18 CYPRESS-CY7C1916BV18 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZC CYPRESS-CY7C1916BV18-167BZC Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZC CYPRESS-CY7C1916BV18-167BZC Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZI CYPRESS-CY7C1916BV18-167BZI Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1916CV18-250BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com