Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9879 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9879_05 Datasheet HTML 4Page - Analog Devices AD9879_05 Datasheet HTML 5Page - Analog Devices AD9879_05 Datasheet HTML 6Page - Analog Devices AD9879_05 Datasheet HTML 7Page - Analog Devices AD9879_05 Datasheet HTML 8Page - Analog Devices AD9879_05 Datasheet HTML 9Page - Analog Devices AD9879_05 Datasheet HTML 10Page - Analog Devices AD9879_05 Datasheet HTML 11Page - Analog Devices AD9879_05 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9879
Rev. A | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
DRGND
3
DRVDD
4
IF(11)
7
IF(8)
6
IF(9)
5
IF(10)
1
DNC
8
IF(7)
9
IF(6)
10
IF(5)
12
IF(3)
13
IF(2)
14
IF(1)
15
IF(0)
16
RXIQ(3)
17
RXIQ(2)
18
RXIQ(1)
19
RXIQ(0)
20
RXSYNC
21
DRGND
22
DRVDD
23
MCLK
24
DVDD
25
DGND
26
TXSYNC
27
TXIQ(5)
28
TXIQ(4)
29
TXIQ(3)
30
TXIQ(2)
11
IF(4)
79
I+
78
I–
77
DNC
74
AGNDIQ
75
DNC
76
DNC
80
DNC
73
AVDDIQ
72
DRVDD
71
REFCLK
69
DGND
Σ-∆
68
Σ-∆_OUT
67
FLAG1
66
DVDD
Σ-∆
65
CA_EN
64
CA_DATA
63
CA_CLK
62
DVDDOSC
61
OSCIN
60
XTAL
59
DGNDOSC
58
AGNDPLL
57
PLLFILT
56
AVDDPLL
55
DVDDPLL
54
DGNDPLL
53
AVDDTX
52
TX+
51
TX–
70
DRGND
PIN 1
AD9879
TOP VIEW
(Pins Down)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 35, 75 to 77, 80
DNC
Do Not Connect. Pins are not bonded to die.
2, 21, 70
DRGND
Pin Driver Digital Ground.
3, 22, 72
DRVDD
Pin Driver Digital 3.3 V Supply.
4 to 15
IF[11:0]
12-Bit ADC Digital Output.
16 to 19
RXIQ[3:0]
Muxed I and Q ADCs Output.
20
RXSYNC
Sync Output, IF, I and Q ADCs.
23
MCLK
Master Clock Output.
24, 33, 38
DVDD
Digital 3.3 V Supply.
25, 34, 39, 40
DGND
Digital Ground.
26
TXSYNC
Sync Input for Transmit Port.
27 to 32
TXIQ[5:0]
Digital Input for Transmit Port.
36
PROFILE
Profile Selection Inputs.
37
RESET
Chip Reset Input (Active Low).


Similar Part No. - AD9879_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9879BS AD-AD9879BS Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results

Similar Description - AD9879_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879 Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com