Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1328F-225AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1328F-225AI
Description  4-Mb (256K x 18) Pipelined DCD Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328F-225AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1328F-225AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1328F-225AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY7C1328F
Document #: 38-05220 Rev. *A
Page 2 of 17
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB, DQPB
BYTE
WRITE REGISTER
DQA , DQPA
BYTE
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
A[1:0]
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs,
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
OUTPUT
BUFFERS
DQB , DQPB
BYTE
WRITE DRIVER
DQA, DQPA
BYTE
WRITE DRIVER
SLEEP
CONTROL
ZZ
A0, A1, A
Functional Block Diagram—256Kx18


Similar Part No. - CY7C1328F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXC CYPRESS-CY7C1328G-133AXC Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com