Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17885S-3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS17885S-3
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17885S-3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS17885S-3 Datasheet HTML 1Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 2Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 3Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 4Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 5Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 6Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 7Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 8Page - Maxim Integrated Products DS17885S-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Real-Time Clocks
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, or VCC = +2.7V to +3.7V, TA = Over the operating temperature range, unless otherwise noted. Typical
values are with TA = +25°C, VCC = 5.0V or 3.0V and VBAT = 3.0V, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground ....-0.3V to +6.0V
Operating Temperature Range (Noncondensing)
Commercial.........................................................0°C to +70°C
Industrial ..........................................................-40°C to +85°C
Storage Temperature.........................................-55°C to +125°C
Soldering Temperature .....................See IPC/JEDEC J-STD-020
Specification (Note 1)
Soldering Temperature (leads, 10 seconds) ...................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(-5)
4.5
5.0
5.5
Supply Voltage (Note 3)
VCC
(-3)
2.7
3.0
3.7
V
VBAT Input Voltage
VBAT
(Note 3)
2.5
3.0
3.7
V
(-5)
2.5
3.0
5.2
VBAUX Input Voltage (Note 3)
VBAUX
(-3)
3.7
V
(-5)
2.2
VCC +
0.3
Input Logic 1 (Note 3)
VIH
(-3)
2.0
VCC +
0.3
V
(-5)
-0.3
+0.8
Input Logic 0 (Note 3)
VIL
(-3)
-0.3
+0.6
V
(-5)
25
50
VCC Power-Supply Current
(Note 4)
ICC1
(-3)
15
30
mA
(-5)
1.0
3.0
VCC Standby Current (Notes 4, 5)
ICCS
(-3)
0.5
2.0
mA
Input Leakage
IIL
-1.0
+1.0
µA
I/O Leakage
IOL
(Note 6)
-1.0
+1.0
µA
(-5), -1.0mA
2.4
Output Logic 1 Voltage (Note 3)
VOH
(-3), -0.4mA
2.4
V
(-5), +2.1mA
0.4
Output Logic 0 Voltage
AD0–AD7, IRQ, SQW (Note 3)
VOL
(-3), +0.8mA
0.4
V
(-5), +10mA
0.4
Output Logic 0 Voltage
PWR (Note 3)
VOL
(-3), +4mA
0.4
V
(-5)
4.25
4.37
4.5
Power-Fail Voltage (Note 3)
VPF
(-3)
2.5
2.6
2.7
V
VRT Trip Point
VRTTRIP
(Note 3)
1.3
V


Similar Part No. - DS17885S-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17885S-3 DALLAS-DS17885S-3 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17885S-3++ MAXIM-DS17885S-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885S-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com