Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1328F-225AC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1328F-225AC
Description  4-Mb (256K x 18) Pipelined DCD Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328F-225AC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1328F-225AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 14Page - Cypress Semiconductor CY7C1328F-225AC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY7C1328F
Document #: 38-05220 Rev. *A
Page 11 of 17
Switching Characteristics Over the Operating Range [10, 11]
Parameter
Description
250 MHz
225 MHz
200 MHz
166 MHz
133 MHz
100 MHz
Unit
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
tPOWER
VDD(Typical) to the First Access[12] 1.0
1.0
1.0
1.0
1.0
1.0
ms
Clock
tCYC
Clock Cycle Time
4.0
4.4
5.0
6.0
7.5
10
ns
tCH
Clock HIGH
1.7
2.0
2.0
2.5
3.0
3.5
ns
tCL
Clock LOW
1.7
2.0
2.0
2.5
3.0
3.5
ns
Output Times
tCO
Data Output Valid after CLK Rise
2.6
2.6
2.8
3.5
4.0
4.5
ns
tDOH
Data Output Hold after CLK Rise
1.0
1.0
1.0
2.0
2.0
2.0
ns
tCLZ
Clock to Low-Z[13, 14, 15]
0
0
0
0
0
0
ns
tCHZ
Clock to High-Z[13, 14, 15]
2.6
2.6
2.8
3.5
4.0
4.5
ns
tOEV
OE LOW to Output Valid
2.6
2.6
2.8
3.5
4.5
4.5
ns
tOELZ
OE LOW to Output Low-Z[13, 14, 15]
0
0
0
0
0
0
ns
tOEHZ
OE HIGH to Output
High-Z
[13, 14, 15]
2.6
2.6
2.8
3.5
4.0
4.5
ns
Set-up Times
tAS
Address Set-up before CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tADS
ADSC, ADSP Set-up before CLK
Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tADVS
ADV Set-up Before CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tWES
GW, BWE, BW[A:B] Set-up before
CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tDS
Data Input Set-up before CLK Rise 0.8
1.2
1.2
1.5
1.5
1.5
ns
tCES
Chip Enable Set-up before CLK
Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
Hold Times
tAH
Address Hold after CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tADH
ADSP , ADSC Hold after CLK Rise 0.4
0.5
0.5
0.5
0.5
0.5
ns
tADVH
ADV Hold after CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tWEH
GW,BWE, BW[A:B] Hold after CLK
Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tDH
Data Input Hold after CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold after CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
Shaded areas contain advance information.
Notes:
10. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V.
11. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
12. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD minimum initially before a read or write operation
can be initiated.
13. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
14. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve High-Z prior to Low-Z under the same system conditions.
15. This parameter is sampled and not 100% tested.


Similar Part No. - CY7C1328F-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXC CYPRESS-CY7C1328G-133AXC Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328F-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com