Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1321AV18-167BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1321AV18-167BZC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321AV18-167BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1321AV18-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1321AV18-167BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PRELIMINARY
CY7C1317AV18
CY7C1319AV18
CY7C1321AV18
Document #: 38-05500 Rev. *B
Page 10 of 20
Capacitance[16]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 1.8V
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
AC Test Loads and Waveforms
Switching Characteristics Over the Operating Range [17, 18]
Cypress
Parameter
Consortium
Parameter
Description
250 MHz
200 MHz
167 MHz
Unit
Min. Max. Min. Max. Min. Max.
tCYC
tKHKH
K Clock and C Clock Cycle Time
4.0
6.3
5.0
7.9
6.0
8.4
ns
tKH
tKHKL
Input Clock (K/K and C/C) HIGH
1.6
2.0
2.4
ns
tKL
tKLKH
Input Clock (K/K and C/C) LOW
1.6
2.0
2.4
ns
tKHKH
tKHKH
K Clock Rise to K Clock Rise and C to C Rise (rising
edge to rising edge)
1.8
2.2
2.7
ns
tKHCH
tKHCH
K/K Clock Rise to C/C Clock Rise (rising edge to ris-
ing edge)
0.0
1.8
0.0
2.3
0.0
2.8
ns
Set-up Times
tSA
tSA
Address Set-up to K Clock Rise
0.5
0.6
0.7
ns
tSC
tSC
Control Set-up to Clock (K, K) Rise (LD, R/W)
0.5
0.6
0.7
ns
tSCDDR
tSC
Double Data Rate Control Set-up to Clock (K, K) Rise
(BWS0, BWS1, BWS2, BWS3)
0.35
0.4
0.5
ns
tSD
tSD
D[X:0] Set-up to Clock (K and K) Rise
0.35
0.4
0.5
ns
Hold Times
tHA
tHA
Address Hold after Clock (K and K) Rise
0.5
0.6
0.7
ns
tHC
tHC
Control Hold after Clock (K and K) Rise (LD, R/W)
0.5
0.6
0.7
ns
tHCDDR
tHC
Double Data Rate Control Hold after Clock (K and K)
Rise (BWS0, BWS1, BWS2, BWS3)
0.35
0.4
0.5
ns
tHD
tHD
D[X:0] Hold after Clock (K and K) Rise
0.35
0.4
0.5
ns
Notes:
17. All devices can operate at clock frequencies as low as 119 MHz. When a part with a maximum frequency above 133 MHz is operating at a lower clock frequency,
it requires the input timings of the frequency range in which it is being operated and will output data with the output timings of that frequency range.
18. Unless otherwise noted, test conditions assume signal transition time of 2V/ns, timing reference levels of 0.75V, VREF = 0.75V, RQ = 250Ω, VDDQ = 1.5V, input
pulse levels of 0.25V to 1.25V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of AC Test Loads.
19. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured ± 100 mV from steady-state voltage.
20. At any given voltage and temperature tCHZ is less than tCLZ and tCHZ less than tCO.
1.25V
0.25V
R = 50
5pF
INCLUDING
JIG AND
SCOPE
ALL INPUT PULSES
Device
RL = 50Ω
Z0 = 50Ω
VREF = 0.75V
VREF = 0.75V
[15]
0.75V
Under
Test
0.75V
Device
Under
Test
OUTPUT
0.75V
VREF
VREF
OUTPUT
ZQ
ZQ
(a)
RQ =
250
(b)
RQ =
250
Slew Rate = 2V/ns


Similar Part No. - CY7C1321AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321BV18 CYPRESS-CY7C1321BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZC CYPRESS-CY7C1321BV18-167BZC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZI CYPRESS-CY7C1321BV18-167BZI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZXC CYPRESS-CY7C1321BV18-167BZXC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZXI CYPRESS-CY7C1321BV18-167BZXI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1321AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com