Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327G-133BGC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1327G-133BGC
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-133BGC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1327G-133BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 14Page - Cypress Semiconductor CY7C1327G-133BGC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY7C1327G
Document #: 38-05519 Rev. *F
Page 11 of 18
Switching Waveforms
Read Cycle Timing[16]
Note:
16. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
tCYC
t
CL
CLK
ADSP
t
ADH
t
ADS
ADDRESS
t
CH
OE
ADSC
CE
tAH
tAS
A1
tCEH
tCES
GW, BWE,
BW[A:B]
Data Out (Q)
High-Z
tCLZ
tDOH
tCO
ADV
tOEHZ
tCO
Single READ
BURST READ
tOEV
tOELZ
tCHZ
ADV
suspends
burst.
Burst wraps around
to its initial state
tADVH
tADVS
tWEH
tWES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A2 + 3)
A2
A3
Deselect
cycle
Burst continued with
new base address
DON’T CARE
UNDEFINED


Similar Part No. - CY7C1327G-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-133BGC CYPRESS-CY7C1327G-133BGC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com