Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1319CV18-300BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1319CV18-300BZC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1319CV18-300BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1319CV18-300BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1319CV18-300BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1317CV18, CY7C1917CV18
CY7C1319CV18, CY7C1321CV18
Document Number: 001-07161 Rev. *B
Page 7 of 31
CQ
Output Clock CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the DDR-II. In single clock mode, CQ is generated with respect to K. The timing for
the echo clocks is shown in Switching Characteristics on page 24.
CQ
Output Clock CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the DDR-II. In single clock mode, CQ is generated with respect to K. The timing for
the echo clocks is shown in Switching Characteristics on page 24.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus
impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor connected
between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
DLL Turn Off
− Active LOW. Connecting this pin to ground turns off the DLL inside the device. The timing
in the DLL turned off operation is different from that listed in this data sheet. For normal operation, this
pin can be connected to a pull up through a 10 Kohm or less pull up resistor. The device behaves in DDR-I
mode when the DLL is turned off. In this mode, the device can be operated at a frequency of up to 167
MHz with DDR-I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/36M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/72M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
IO
Pin Description
[+] Feedback


Similar Part No. - CY7C1319CV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1319AV18 CYPRESS-CY7C1319AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319AV18-167BZC CYPRESS-CY7C1319AV18-167BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319AV18-200BZC CYPRESS-CY7C1319AV18-200BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319AV18-250BZC CYPRESS-CY7C1319AV18-250BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18 CYPRESS-CY7C1319BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1319CV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com