Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1320JV18-300BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1320JV18-300BZC
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1320JV18-300BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1320JV18-300BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1320JV18-300BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CY7C1316JV18, CY7C1916JV18
CY7C1318JV18, CY7C1320JV18
Document Number: 001-15271 Rev. *B
Page 5 of 26
CY7C1318JV18 (1M x 18)
123456789
10
11
A
CQ
NC/72M
A
R/W
BWS1
K
NC/144M
LD
A
NC/36M
CQ
B
NC
DQ9
NC
A
NC/288M
K
BWS0
ANC
NC
DQ8
C
NC
NC
NC
VSS
AA0A
VSS
NC
DQ7
NC
D
NC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
F
NC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
K
NC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
DQ3
L
NC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
N
NC
NC
DQ16
VSS
AAA
VSS
NC
NC
NC
P
NC
NC
DQ17
A
A
C
A
A
NC
NC
DQ0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
CY7C1320JV18 (512K x 36)
123456789
10
11
A
CQ
NC/144M NC/36M
R/W
BWS2
K
BWS1
LD
A
NC/72M
CQ
B
NC
DQ27
DQ18
A
BWS3
KBWS0
ANC
NC
DQ8
C
NC
NC
DQ28
VSS
AA0A
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
AAA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
A
A
C
A
A
NC
DQ9
DQ0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
Pin Configuration
The pin configuration for CY7C1316JV18, CY7C1318JV18, and CY7C1320JV18 follow. [1] (continued)
165-Ball FBGA (13 x 15 x 1.4 mm) Pinout
[+] Feedback


Similar Part No. - CY7C1320JV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-300BZXC CYPRESS-CY7C13201KV18-300BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-333BZXC CYPRESS-CY7C13201KV18-333BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1320AV18 CYPRESS-CY7C1320AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320AV18-167BZC CYPRESS-CY7C1320AV18-167BZC Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1320JV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316CV18 CYPRESS-CY7C1316CV18 Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com