Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1306BV25-167BZXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1306BV25-167BZXI
Description  18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1306BV25-167BZXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1306BV25-167BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1306BV25-167BZXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY7C1306BV25
CY7C1303BV25
Document #: 38-05627 Rev. *A
Page 7 of 19
Write Descriptions (CY7C1303BV25)[2, 8]
BWS0
BWS1
KK
Comments
L
L
L-H
-
During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device.
L
L
-
L-H
During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device.
L
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the
device. D[17:9] remains unaltered.
L
H
-
L-H
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the
device. D[17:9] remains unaltered.
H
L
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device.
D[8:0] remains unaltered.
H
L
-
L-H
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device.
D[8:0] remains unaltered.
H
H
L-H
-
No data is written into the device during this portion of a write operation.
H
H
-
L-H
No data is written into the device during this portion of a write operation.
Write Descriptions (CY7C1306BV25)[2, 8]
BWS0
BWS1
BWS2
BWS3
KK
Comments
LLLL
L-H
-
During the Data portion of a Write sequence, all four bytes (D[35:0]) are
written into the device.
LLLL
-
L-H
During the Data portion of a Write sequence, all four bytes (D[35:0]) are
written into the device.
L
H
H
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0])
is written into the device. D[35:9] will remain unaltered.
L
H
H
H
-
L-H
During the Data portion of a Write sequence, only the lower byte (D[8:0])
is written into the device. D[35:9] will remain unaltered.
H
L
H
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is
written into the device. D[8:0] and D[35:18] will remain unaltered.
H
L
H
H
-
L-H
During the Data portion of a Write sequence, only the byte (D[17:9]) is
written into the device. D[8:0] and D[35:18] will remain unaltered.
H
H
L
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[26:18]) is
written into the device. D[17:0] and D[35:27] will remain unaltered.
H
H
L
H
-
L-H
During the Data portion of a Write sequence, only the byte (D[26:18]) is
written into the device. D[17:0] and D[35:27] will remain unaltered.
H
H
H
L
L-H
-
During the Data portion of a Write sequence, only the byte (D[35:27]) is
written into the device. D[26:0] will remain unaltered.
H
H
H
L
-
L-H
During the Data portion of a Write sequence, only the byte (D[35:27]) is
written into the device. D[26:0] will remain unaltered.
HHHH
L-H
-
No data is written into the device during this portion of a Write operation.
HHHH
-
L-H
No data is written into the device during this portion of a Write operation.
Note:
8. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. BWS0, BWS1, in the case of CY7C1303BV25 and also BWS2 and BWS3
in the case of CY7C1306BV25 can be altered on different portions of a write cycle, as long as the set-up and hold requirements are achieved. 38-05627


Similar Part No. - CY7C1306BV25-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1306BV18 CYPRESS-CY7C1306BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV18-100BZC CYPRESS-CY7C1306BV18-100BZC Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV18-133BZC CYPRESS-CY7C1306BV18-133BZC Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV18-167BZC CYPRESS-CY7C1306BV18-167BZC Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1306BV25-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com