Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1305AV18 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1305AV18
Description  18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1305AV18 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1305AV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1305AV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PRELIMINARY
CY7C1305AV18
CY7C1307AV18
Document #: 38-05495 Rev. *A
Page 3 of 20
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
NC
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
A
A
A
VSS
Q10
D9
D1
P
Q35
D35
Q26
A
A
C
A
A
Q9
D0
Q0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
Pin Definitions
Name
I/O
Description
D[x:0]
Input-
Synchronous
Data input signals, sampled on the rising edge of K and K clocks during valid Write
operations.
CY7C1305AV18 – D[17:0]
CY7C1307AV18 – D[35:0]
WPS
Input-
Synchronous
Write Port Select, active LOW. Sampled on the rising edge of the K clock. When
asserted active, a Write operation is initiated. Deasserting will deselect the Write port.
Deselecting the Write port will cause D[x:0] to be ignored.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3 - active LOW. Sampled on the rising edge of the K and
K clocks during Write operations. Used to select which byte is written into the device
during the current portion of the write operations. Bytes not written remain unaltered.
CY7C1305AV18 - BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1307AV18 - BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18]
and BWS3 controls D[35:27]
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte
Write Select will cause the corresponding byte of data to be ignored and not written into
the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active Read and Write
operations. These address inputs are multiplexed for both Read and Write operations.
Internally, the device is organized as 1M x 18 (4 arrays each of 256K x 18) for
CY7C1305AV18 and 512K x 36 (4 arrays each of 128K x 36) for CY7C1307AV18.
Therefore, only 18 address inputs for CY7C1305AV18 and 17 address inputs for
CY7C1307AV18. These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a Read operation.
Valid data is driven out on the rising edge of both the C and C clocks during Read
operations or K and K when in single clock mode. When the Read port is deselected,
Q[x:0] are automatically three-stated.
CY7C1305AV18 - Q[17:0]
CY7C1307AV18 - Q[35:0]
RPS
Input-
Synchronous
Read Port Select, active LOW. Sampled on the rising edge of Positive Input Clock (K).
When active, a Read operation is initiated. Deasserting will cause the Read port to be
deselected. When deselected, the pending access is allowed to complete and the output
drivers are automatically three-stated following the next rising edge of the C clock. Each
read access consists of a burst of four sequential 18-bit or 36-bit transfers.
C
Input-Clock
Positive Output Clock Input. C is used in conjunction with C to clock out the Read data
from the device. C and C can be used together to deskew the flight times of various
devices on the board back to the controller. See application example for further details.
C
Input-Clock
Negative Output Clock Input. C is used in conjunction with C to clock out the Read
data from the device. C and C can be used together to deskew the flight times of various
devices on the board back to the controller. See application example for further details.
Pin Configuration–CY7C1307AV18 (Top View) (continued)
1
2
3
456
7
8
9
10
11


Similar Part No. - CY7C1305AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305AV25-100 CYPRESS-CY7C1305AV25-100 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305AV25-100BZC CYPRESS-CY7C1305AV25-100BZC Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305AV25-133 CYPRESS-CY7C1305AV25-133 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305AV25-133BZC CYPRESS-CY7C1305AV25-133BZC Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
More results

Similar Description - CY7C1305AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com