Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1304CV25-167BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1304CV25-167BZC
Description  9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1304CV25-167BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1304CV25-167BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1304CV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRELIMINARY
9-Mbit Burst of 4 Pipelined SRAM with QDR™ Architecture
CY7C1304CV25
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05494 Rev. *A
Revised June 1, 2004
Features
• Separate independent Read and Write data ports
— Supports concurrent transactions
• 167-MHz Clock for high bandwidth
— 2.5 ns Clock-to-Valid access time
• 4-Word Burst for reducing the address bus frequency
• Double Data Rate (DDR) interfaces on both Read and
Write Ports (data transferred at 333 MHz) @167 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two output clocks (C and C) account for clock skew
and flight time mismatching
• Single multiplexed address input bus latches address
inputs for both Read and Write ports
• Separate Port Selects for depth expansion
• Synchronous internally self-timed writes
• 2.5V core power supply with HSTL Inputs and Outputs
• 13 x 15 x 1.4 mm 1.0-mm pitch fBGA package, 165-ball
(11x15 matrix)
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–1.9V)
• JTAG 1149.1 compatible test access port
Configurations
CY7C1304CV25 – 512K x 18
Functional Description
The CY7C1304CV25 is a 2.5V Synchronous Pipelined SRAM
equipped with QDR™ architecture. QDR architecture consists
of two separate ports to access the memory array. The Read
port has dedicated Data Outputs to support Read operations
and the Write port has dedicated Data Inputs to support Write
operations. QDR architecture has separate data inputs and
data outputs to completely eliminate the need to “turn-around”
the data bus required with common I/O devices. Access to
each port is accomplished through a common address bus.
Addresses for Read and Write addresses are latched on
alternate rising edges of the input (K) clock. Accesses to the
device’s Read and Write ports are completely independent of
one another. In order to maximize data throughput, both Read
and Write ports are equipped with Double Data Rate (DDR)
interfaces. Each address location is associated with four 18-bit
words. Since data can be transferred into and out of the device
on every rising edge of both input clock (K/K and C/C) memory
bandwidth is maximized while simplifying system design by
eliminating bus “turn-arounds.”
Depth expansion is accomplished with Port Selects for each
port. Port selects allow each port to operate independently.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Logic Block Diagram (CY7C1304CV25)
CLK
A(16:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
RPS
WPS
Q[17:0]
Control
Logic
Address
Register
Reg.
Reg.
Reg.
36
17
18
72
18
BWS[0:1]
Vref
Write
Reg
36
A(16:0)
17
C
C
Write
Reg
Write
Reg
Write
Reg
18


Similar Part No. - CY7C1304CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1304DV25 CYPRESS-CY7C1304DV25 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZC CYPRESS-CY7C1304DV25-167BZC Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZI CYPRESS-CY7C1304DV25-167BZI Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZXC CYPRESS-CY7C1304DV25-167BZXC Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZXI CYPRESS-CY7C1304DV25-167BZXI Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1304CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1302CV25 CYPRESS-CY7C1302CV25 Datasheet
296Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com