Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1306BV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1306BV18
Description  18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1306BV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1306BV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1306BV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PRELIMINARY
CY7C1303BV18
CY7C1306BV18
Document #: 38-05626 Rev. **
Page 6 of 19
Read/Modify/Write operations to a Byte Write operation.
38-05626
Single Clock Mode
The CY7C1303BV18 can be used with a single clock mode. In
this mode the device will recognize only the pair of input clocks
(K and K) that control both the input and output registers. This
operation is identical to the operation if the device had zero
skew between the K/K and C/C clocks. All timing parameters
remain the same in this mode. To use this mode of operation,
the user must tie C and C HIGH at power-up.This function is
a strap option and not alterable during device operation.
Concurrent Transactions
The Read and Write ports on the CY7C1303BV18 operate
completely independently of one another. Since each port
latches the address inputs on different clock edges, the user
can Read or Write to any location, regardless of the trans-
action on the other port. Also, reads and writes can be started
in the same clock cycle. If the ports access the same location
at the same time, the SRAM will deliver the most recent infor-
mation associated with the specified address location. This
includes forwarding data from a Write cycle that was initiated
on the previous K clock rise.
Depth Expansion
The CY7C1303BV18 has a Port Select input for each port.
This allows for easy depth expansion. Both Port Selects are
sampled on the rising edge of the positive input clock only (K).
Each port select input can deselect the specified port.
Deselecting a port will not affect the other port. All pending
transactions (Read and Write) will be completed prior to the
device being deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ
pin on the SRAM and VSS to allow the SRAM to adjust its
output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM, The
allowable range of RQ to guarantee impedance matching with
a tolerance of ±15% is between 175
Ω and 350Ω, with
VDDQ = 1.5V. The output impedance is adjusted every 1024
cycles to account for drifts in supply voltage and temperature.
Application Example[1]
Truth Table[2, 3, 4,5, 6, 7]
Operation
K
RPS
WPS
DQ
DQ
Write Cycle:
Load address on the rising edge of K clock; input write
data on K and K rising edges.
L-H
X
L
D(A+0)at K(t)
D(A+1) at K(t)
Read Cycle:
Load address on the rising edge of K clock; wait one
cycle; read data on 2 consecutive C and C rising edges.
L-H
L
X
Q(A+0) at C(t+1)
↑ Q(A+1) at C(t+1) ↑
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Notes:
1. The above application shows 4 QDR-I being used.
2. X = Don't Care, H = Logic HIGH, L = Logic LOW,
↑ represents rising edge.
3. Device will power-up deselected and the outputs in a three-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A+0, A+1 represent the addresses sequence in the burst.
5. “t” represents the cycle at which a Read/Write operation is started. t+1 is the first clock cycle succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.


Similar Part No. - CY7C1306BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1306BV25 CYPRESS-CY7C1306BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV25-167BZC CYPRESS-CY7C1306BV25-167BZC Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV25-167BZI CYPRESS-CY7C1306BV25-167BZI Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV25-167BZXC CYPRESS-CY7C1306BV25-167BZXC Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306BV25-167BZXI CYPRESS-CY7C1306BV25-167BZXI Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1306BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com