Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1298A-50NC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1298A-50NC
Description  64K x 18 Synchronous Burst RAM Pipelined Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1298A-50NC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1298A-50NC Datasheet HTML 4Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 5Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 6Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 7Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 8Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 9Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 10Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 11Page - Cypress Semiconductor CY7C1298A-50NC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY7C1298A/
GVT7164C18
7C1314A: 2/98
Revision: June 21, 2000
Document #: 38-05194 Rev. *A
Page 11 of 12
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagram
100-Lead Plastic Quad Flatpack N100
51-85052-A


Similar Part No. - CY7C1298A-50NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F-133AC CYPRESS-CY7C1298F-133AC Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H-100AXC CYPRESS-CY7C1298H-100AXC Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H-100AXI CYPRESS-CY7C1298H-100AXI Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1298A-50NC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com