Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1298A-66NC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1298A-66NC
Description  64K x 18 Synchronous Burst RAM Pipelined Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1298A-66NC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1298A-66NC Datasheet HTML 1Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 2Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 3Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 4Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 5Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 6Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 7Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 8Page - Cypress Semiconductor CY7C1298A-66NC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
64K x 18 Synchronous Burst RAM
Pipelined Output
CY7C1298A/
GVT7164C18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05194 Rev. *A
Revised January 19, 2003
298A
Features
• Fast access times: 5, 6, 7, and 8 ns
• Fast clock speed: 100, 83, 66, and 50 MHz
• Provide high-performance 3-1-1-1 access rate
•Fast OE access times: 5 and 6 ns
• Optimal for performance (two cycle chip deselect,
depth expansion without wait state)
• Single +3.3V –5 to +10% power supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSSQ at all inputs and outputs
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Three chip enables for depth expansion and address
pipeline
• Address, control, input, and output pipeline registers
• Internally self-timed Write Cycle
• Write pass-through capability
• Burst control pins (interleaved or linear burst se-
quence)
• Automatic power-down for portable applications
• High-density, high-speed packages
• Low capacitive bus loading
• High 30-pF output drive capability at rated access time
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low-power CMOS designs using advanced dou-
ble-layer polysilicon, double-layer metal technology. Each
memory cell consists of four transistors and two high valued
resistors.
The CY7C1298A/GVT7164C18 SRAM integrates 65536x18
SRAM cells with advanced synchronous peripheral circuitry
and a 2-bit counter for internal burst operation. All synchro-
nous inputs are gated by registers controlled by a posi-
tive-edge-triggered Clock input (CLK). The synchronous in-
puts include all addresses, all data inputs, address-pipelining
Chip Enable (CE), depth-expansion Chip Enables (CE2 and
CE2), burst control inputs (ADSC, ADSP, and ADV), Write En-
ables (WEL, WEH, and BWE), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and
Burst Mode Control (MODE). The data outputs (Q), enabled
by OE, are also asynchronous.
Addresses and chip enables are registered with either Ad-
dress Status Processor (ADSP) or Address Status Controller
(ADSC) input pins. Subsequent burst addresses can be inter-
nally generated as controlled by the burst advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate self-timed Write cycle. Write cycles can be one to
four bytes wide as controlled by the write control inputs. Indi-
vidual byte write allows individual byte to be written. WEL con-
trols DQ1–DQ8 and DQP1. WEH controls DQ9–DQ16 and
DQP2. WEL and WEH can be active only with BWE being
LOW. GW being LOW causes all bytes to be written. This de-
vice also incorporates Write pass-through capability and pipe-
lined enable circuit for better system performance.
The CY7C1298A/GVT7164C18 operates from a +3.3V power
supply. All inputs and outputs are TTL-compatible. The device
is ideally suited for 486, Pentium®, 680x0, and PowerPC™
systems and for systems that are benefited from a wide syn-
chronous data bus.
Selection Guide
7C1298A-100
7164C18-5
7C1298A-83
7164C18-6
7C1298A-66
7164C18-7
7C1298A-50
7164C18-8
Maximum Access Time (ns)
5
6
7
8
Maximum Operating Current (mA)
360
315
270
225
Maximum CMOS Standby Current (mA)
2
2
2
2
Pentium is a registered trademark of Intel Corporation.
PowerPC is a trademark of International Business Machines, Inc.


Similar Part No. - CY7C1298A-66NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F-133AC CYPRESS-CY7C1298F-133AC Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H-100AXC CYPRESS-CY7C1298H-100AXC Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298H-100AXI CYPRESS-CY7C1298H-100AXI Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1298A-66NC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com