Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1297H Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1297H
Description  1-Mbit (64K x 18) Flow-Through Sync SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1297H Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1297H Datasheet HTML 1Page - Cypress Semiconductor CY7C1297H Datasheet HTML 2Page - Cypress Semiconductor CY7C1297H Datasheet HTML 3Page - Cypress Semiconductor CY7C1297H Datasheet HTML 4Page - Cypress Semiconductor CY7C1297H Datasheet HTML 5Page - Cypress Semiconductor CY7C1297H Datasheet HTML 6Page - Cypress Semiconductor CY7C1297H Datasheet HTML 7Page - Cypress Semiconductor CY7C1297H Datasheet HTML 8Page - Cypress Semiconductor CY7C1297H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C1297H
Document #: 38-05669 Rev. *B
Page 3 of 15
Pin Descriptions
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the 64K address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A[1:0]
feed the 2-bit counter.
BWA, BWB
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct Byte Writes to the SRAM.
Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a global
Write is conducted (ALL bytes are written, regardless of the values on BW[A:B] and BWE).
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal must be
asserted LOW to conduct a Byte Write.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to increment the
burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is sampled only
when a new external address is loaded.
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device. CE2 is sampled only when a new external address is
loaded.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device. CE3 is sampled only when a new external address is
loaded.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O pins. When
LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as
input data pins. OE is masked during the first clock of a Read cycle when emerging from a
deselected state.
ADV
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK. When asserted, it automatically
increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device are captured in the address registers. A[1:0]
are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is
recognized. ASDP is ignored when CE
1 is deasserted HIGH
ADSC
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device are captured in the address registers. A[1:0]
are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is
recognized.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input, active HIGH. When asserted HIGH places the device in a non-time-critical
“sleep” condition with data integrity preserved. For normal operation, this pin has to be LOW or
left floating. ZZ pin has an internal pull-down.
DQs
DQPA, DQPB
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered
by the rising edge of CLK. As outputs, they deliver the data contained in the memory location
specified by the addresses presented during the previous clock rise of the Read cycle. The
direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs.
When HIGH, DQs and DQP[A:B] are placed in a tri-state condition.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
Input-
Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied to VDD or left
floating selects interleaved burst sequence. This is a strap pin and should remain static during
device operation. Mode Pin has an internal pull-up.
NC
No Connects. Not Internally connected to the die. 2M, 4M, 9M, 18M, 72M, 144M, 288M, 576M
and 1G are address expansion pins and are not internally connected to the die.


Similar Part No. - CY7C1297H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-50AC CYPRESS-CY7C1297A-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-66AC CYPRESS-CY7C1297A-66AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A1-50AC CYPRESS-CY7C1297A1-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1297H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com