Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285N Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS14285N
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285N Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS14285N Datasheet HTML 5Page - Dallas Semiconductor DS14285N Datasheet HTML 6Page - Dallas Semiconductor DS14285N Datasheet HTML 7Page - Dallas Semiconductor DS14285N Datasheet HTML 8Page - Dallas Semiconductor DS14285N Datasheet HTML 9Page - Dallas Semiconductor DS14285N Datasheet HTML 10Page - Dallas Semiconductor DS14285N Datasheet HTML 11Page - Dallas Semiconductor DS14285N Datasheet HTML 12Page - Dallas Semiconductor DS14285N Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DS14285/DS14287
9 of 26
24-12 bit cannot be changed without reinitializing the hour locations. When the 12-hour format is
selected, the high order bit of the hours byte represents PM when it is a logic one. The time, calendar,
and alarm bytes are always accessible because they are double buffered. Once per second the 10 bytes are
advanced by 1 second and checked for an alarm condition. If a read of the time and calendar data occurs
during an update, a problem exists where seconds, minutes, hours, etc. may not correlate. The probability
of reading incorrect time and calendar data is low. Several methods of avoiding any possible incorrect
time and calendar reads are covered later in this text.
The three alarm bytes can be used in two ways. First, when the alarm time is written in the appropriate
hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day
if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in one or more of
the 3 alarm bytes. The “don’t care” code is any hexadecimal value from C0 to FF. The 2 most significant
bits of each byte set the “don’t care” condition when at logic 1. An alarm will be generated each hour
when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated every minute with
“don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all three alarm bytes
create an interrupt every second.
Table 1. Time, Calendar, and Alarm Data Modes
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
Hours-12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
4
Hours-24-hr Mode
0-23
00-17
00-23
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
5
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99


Similar Part No. - DS14285N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285N DALLAS-DS14285N Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com