Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285N Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS14285N
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285N Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS14285N Datasheet HTML 3Page - Dallas Semiconductor DS14285N Datasheet HTML 4Page - Dallas Semiconductor DS14285N Datasheet HTML 5Page - Dallas Semiconductor DS14285N Datasheet HTML 6Page - Dallas Semiconductor DS14285N Datasheet HTML 7Page - Dallas Semiconductor DS14285N Datasheet HTML 8Page - Dallas Semiconductor DS14285N Datasheet HTML 9Page - Dallas Semiconductor DS14285N Datasheet HTML 10Page - Dallas Semiconductor DS14285N Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS14285/DS14287
7 of 26
POWER-DOWN/POWER-UP CONSIDERATIONS
The real time clock function will continue to operate and all of the RAM, time, calendar, and alarm
memory locations remain nonvolatile regardless of the level of the VCC input. When VCC is applied to the
DS14285/DS14287 and reaches a level of greater than 4.25 volts (typical), the device becomes accessible
after 200 ms, provided that the oscillator is running and the oscillator countdown chain is not in reset (see
Register A). This time period allows the system to stabilize after power is applied. When VCC falls below
4.25 volts (typical), the chip select input is internally forced to an inactive level regardless of the value of
CS
at the input pin. The DS14285/DS14287 is, therefore, write-protected. When the DS14285/DS14287
is in a write-protected state, all inputs are ignored and all outputs are in a high impedance state. When
VCC falls below a level of approximately 3 volts, the external VCC supply is switched off and an internal
lithium energy source supplies power to the Real-time Clock and the RAM memory.
An external SRAM can be made nonvolatile by using the VCCO and SRAM chip enable pins (see Figure
1). Nonvolatile control of the external SRAM is analogous to that of the real time clock registers. When
VCC slews down during a power fail, CEO is driven to an inactive level regardless CEI . This write
protection occurs when VCC is less than 4.25 volts (typical).
During power up, when VCC reaches a level of greater than 4.25 volts (typical), CEO will reflect CEI
after 200 ms. During power-valid operation, the CEI input is passed to the CEO output with a
propagation delay of less than 10 ns.
When VCC is above a level of approximately 3V, the external SRAM will be powered by VCC through the
VCCO pin. When VCC is below a level of approximately 3V, the external SRAM will be powered by the
internal lithium cell through the VCCO pin. An internal comparator and switch determine whether VCCO is
powered by VCC or the internal lithium cell.
When the device is in battery backup mode, the energy source connected to the VBAT pin in the case of
the DS14285, or the internal lithium cell in the case of the DS14287 can power an external SRAM for an
extended period of time. The amount of time that the lithium cell can supply power to the external SRAM
is a function of the data retention current of the SRAM. The capacity of the lithium cell that is
encapsulated within the DS14287 module is 130 mAh. If an SRAM with a data retention current of less
than 1
µA is used and the oscillator current is 300 nA (typical), the cumulative data retention time is
calculated at more than 11 years.


Similar Part No. - DS14285N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285N DALLAS-DS14285N Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com