Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1297A-50AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1297A-50AC
Description  64K X 18 Synchronous Burst SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1297A-50AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1297A-50AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1297A-50AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1297A/
GVT7164B18
Document #: 38-05204 Rev. *A
Page 6 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Voltage on VCC Supply Relative to VSS ......... –0.5V to +4.6V
VIN ...........................................................–0.5V to VCC+0.5V
Storage Temperature (plastic) .................... –55°C to +125°C
Junction Temperature ............................................... +125°C
Power Dissipation.......................................................... 1.4W
Short Circuit Output Current ...................................... 100 mA
Operating Range
Range
Ambient
Temperature[9]
VCC
[10,11]
Com’l
0°C to +70°C
3.3V
−5%/+10%
Electrical Characteristics Over the Operating Range[12]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIH
Input High (Logic 1) Voltage[13, 14]
2.0
VCCQ+0.3
V
VIl
Input Low (Logic 0) Voltage[13, 14]
–0.3
0.8
V
ILI
Input Leakage Current[15]
0V < VIN < VCC
–2
2
µA
ILO
Output Leakage Current
Output(s) disabled, 0V < VOUT < VCC
–2
2
µA
VOH
Output High Voltage[13, 16]
IOH = –4.0 mA
2.4
V
VOL
Output Low Voltage[13, 16]
IOL = 8.0 mA
0.4
V
VCC
Supply Voltage[13]
3.1
3.6
V
Parameter
Description
Conditions
Typ.
66 MHz
-9
50 MHz
-10
50 MHz
-12
Unit
ICC
Power Supply Current:
Operating[17, 18, 19]
Device selected; all inputs < VILor > VIH;
cycle time > tKC min.; VCC = Max.;
outputs open
150
240
240
200
mA
ISB1
Power Supply Current:
Idle[18, 19]
Device selected; ADSC, ADSP, ADV, GW,
BWE >VIH; all other inputs < VILor > VIH; VCC
= Max.; cycle time > tKC min.; outputs open
15
40
40
30
mA
ISB2
CMOS Standby[18, 19]
Device deselected; VCC = Max.;
all inputs < VSS + 0.2 or >VCC – 0.2;
all inputs static; CLK frequency = 0
0.2
2
2
2
mA
ISB3
TTL Standby[18, 19]
Device deselected; all inputs < VIL
or > VIH; all inputs static;
VCC = Max.; CLK frequency = 0
410
10
10
mA
ISB4
Clock Running[18, 19]
Device deselected;
all inputs < VIL or > VIH; VCC = Max.;
CLK cycle time > tKC min.
15
40
40
30
mA
Capacitance[20]
Parameter
Description
Test Conditions
Typ.
Max.
Unit
CI
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
34
pF
CO
Input/Output Capacitance (DQ)
6
7
pF
Notes:
9.
TA is the case temperature.
10. Please refer to waveform (d)
11. Power Supply ramp-up should be monotonic.
12. Values in table are associated with the operating frequencies listed.
13. All voltages referenced to VSS (GND).
14. Overshoot: VIH ≤ +6.0V for t ≤ tKC /2.
Undershoot:VIL ≤ –2.0V for t ≤ tKC /2.
15. MODE pin has an internal pull-up and ZZ pin has an internal pull-down. These two pins exhibit an input leakage current of ±30
µA.
16. AC I/O curves are available upon request.
17. ICC is given with no output current. ICC increases with greater output loading and faster cycle times.
18. “Device Deselected” means the device is in Power-down mode as defined in the truth table. “Device Selected” means the device is active.
19. Typical values are measured at 3.3V, 25°C, and 20-ns cycle time.
20. This parameter is sampled.


Similar Part No. - CY7C1297A-50AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297F-117AC CYPRESS-CY7C1297F-117AC Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H-100AXC CYPRESS-CY7C1297H-100AXC Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H-100AXI CYPRESS-CY7C1297H-100AXI Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1297A-50AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Cypress Semiconductor
CY7C1298A CYPRESS-CY7C1298A Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com