Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS14285
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS14285_05 Datasheet HTML 18Page - Dallas Semiconductor DS14285_05 Datasheet HTML 19Page - Dallas Semiconductor DS14285_05 Datasheet HTML 20Page - Dallas Semiconductor DS14285_05 Datasheet HTML 21Page - Dallas Semiconductor DS14285_05 Datasheet HTML 22Page - Dallas Semiconductor DS14285_05 Datasheet HTML 23Page - Dallas Semiconductor DS14285_05 Datasheet HTML 24Page - Dallas Semiconductor DS14285_05 Datasheet HTML 25Page - Dallas Semiconductor DS14285_05 Datasheet HTML 26Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
DS14285/DS14287
26 of 26
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma x i m In tegra t ed P roduc ts , 1 2 0 S a n Ga brie l D r iv e , Sun n y vale , CA 94 086 40 8 -7 3 7 -76 00
© 2005 Maxim Integrated Products
• Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corporation.
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information, go to www.maxim-ic.com/DallasPackInfo.)
DS14287 REAL-TIME CLOCK PLUS RAM
PKG
24-PIN
DIM
MIN
MAX
A IN.
MM
1.320
33.53
1.335
33.91
B IN.
MM
0.720
18.29
0.740
18.80
C IN.
MM
0.345
8.76
0.370
9.40
D IN.
MM
0.100
2.54
0.130
3.30
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.110
2.79
0.140
3.56
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53
NOTE: PINS 2, 3, 16, AND 20 ARE MISSING BY DESIGN.


Similar Part No. - DS14285_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285-DS14287 DALLAS-DS14285-DS14287 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285N DALLAS-DS14285N Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285Q DALLAS-DS14285Q Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285QN DALLAS-DS14285QN Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285S DALLAS-DS14285S Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com