Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS14285
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS14285_05 Datasheet HTML 14Page - Dallas Semiconductor DS14285_05 Datasheet HTML 15Page - Dallas Semiconductor DS14285_05 Datasheet HTML 16Page - Dallas Semiconductor DS14285_05 Datasheet HTML 17Page - Dallas Semiconductor DS14285_05 Datasheet HTML 18Page - Dallas Semiconductor DS14285_05 Datasheet HTML 19Page - Dallas Semiconductor DS14285_05 Datasheet HTML 20Page - Dallas Semiconductor DS14285_05 Datasheet HTML 21Page - Dallas Semiconductor DS14285_05 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DS14285/DS14287
18 of 26
AC ELECTRICAL CHARACTERISTICS
(Over the operating range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Cycle
tCYC
225
DC
ns
Pulse Width, DS/E Low or RD/ WR
High
PWEL
115
ns
Pulse Width, DS/E Low or RD/ WR
Low
PWEH
80
ns
Input Rise and Fall Time
tR, tF
30
ns
R/ W Hold Time
tRWH
10
ns
R/ W Setup Time Before DS/E
tRWS
10
ns
Chip Select Setup Time Before DS,
WR
, or RD
tCS
20
ns
Chip Select Hold Time
tCH
0
ns
Read Data Hold Time
tDHR
10
50
ns
Write Data Hold Time
tDHW
0
ns
Muxed Address Valid Time to AS/ALE
Fall
tASL
30
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time DS/E to AS/ALE Rise
tASD
20
ns
Pulse Width AS/ALE High
PWASH
60
ns
Delay Time, AS/ALE to DS/E Rise
tASED
35
ns
Output Data Delay Time From DS/E or
RD
tDDR
10
75
ns
9
Data Setup Time
tDSW
60
ns
Reset Pulse Width
tRWL
5
µs
IRQ
Release from DS
tIRDS
2
µs
IRQ
Release from RESET
tIRR
2
µs
AC TEST CONDITIONS
Input Pulse Level: 0 to 3.0V
Input Rise/Fall Times: 5ns
Input and Output Timing Reference Levels: 1.5V


Similar Part No. - DS14285_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285-DS14287 DALLAS-DS14285-DS14287 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285N DALLAS-DS14285N Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285Q DALLAS-DS14285Q Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285QN DALLAS-DS14285QN Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285S DALLAS-DS14285S Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com