Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-15ZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1049CV33-15ZXI
Description  4-Mbit (512K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-15ZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1049CV33-15ZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1049CV33-15ZXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *E
Page 9 of 11
Truth Table
CE
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
High-Z
Power-down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High-Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C1049CV33-10VC
V36
36-lead (400-Mil) Molded SOJ
Commercial
CY7C1049CV33-10ZC
Z44
44-pin TSOP II
CY7C1049CV33-10VI
V36
36-lead (400-Mil) Molded SOJ
Industrial
CY7C1049CV33-10ZI
Z44
44-pin TSOP II
12
CY7C1049CV33-12VC
V36
36-lead (400-Mil) Molded SOJ
Commercial
CY7C1049CV33-12ZC
Z44
44-pin TSOP II
CY7C1049CV33-12VI
V36
36-lead (400-Mil) Molded SOJ
Industrial
CY7C1049CV33-12ZI
Z44
44-pin TSOP II
15
CY7C1049CV33-15VC
V36
36-lead (400-Mil) Molded SOJ
Commercial
CY7C1049CV33-15ZC
Z44
44-pin TSOP II
CY7C1049CV33-15VI
V36
36-lead (400-Mil) Molded SOJ
Industrial
CY7C1049CV33-15ZI
Z44
44-pin TSOP II
CY7C1049CV33-15VE
V36
36-lead (400-Mil) Molded SOJ
Automotive
CY7C1049CV33-15ZSE
Z44
44-pin TSOP II
20
CY7C1049CV33-20VC
V36
36-lead (400-Mil) Molded SOJ
Commercial
CY7C1049CV33-20VI
V36
36-lead (400-Mil) Molded SOJ
Industrial
10
CY7C1049CV33-10VXC
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Commercial
CY7C1049CV33-10ZXC
Z44
44-pin TSOP II (Pb-Free)
CY7C1049CV33-10VXI
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Industrial
CY7C1049CV33-10ZXI
Z44
44-pin TSOP II (Pb-Free)
Industrial
12
CY7C1049CV33-12VXC
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Commercial
CY7C1049CV33-12ZXC
Z44
44-pin TSOP II (Pb-Free)
CY7C1049CV33-12VXI
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Industrial
CY7C1049CV33-12ZXI
Z44
44-pin TSOP II (Pb-Free)
15
CY7C1049CV33-15VXC
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Commercial
CY7C1049CV33-15ZXC
Z44
44-pin TSOP II (Pb-Free)
CY7C1049CV33-15VXI
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Industrial
CY7C1049CV33-15ZXI
Z44
44-pin TSOP II (Pb-Free)
CY7C1049CV33-15VXE
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Automotive
CY7C1049CV33-15ZSXE
Z44
44-pin TSOP II
Automotive
20
CY7C1049CV33-20VXC
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Commercial
CY7C1049CV33-20VXI
V36
36-lead (400-Mil) Molded SOJ (Pb-Free)
Industrial
Shaded areas contain advance information. Please contact your local Cypress Sales representative for availability of these parts.


Similar Part No. - CY7C1049CV33-15ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-15ZXC CYPRESS-CY7C1049CV33-15ZXC Datasheet
195Kb / 9P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049CV33-15ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com