Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE426PF6120JR06L2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PHE426PF6120JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426PF6120JR06L2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PHE426PF6120JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426PF6120JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
212
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
250 VDC/160 VAC
LEAD SPACING 27.5 MM
2.2
10.5
20.5
31.5
27.5
216
8.8
50
37
PHE426HF7220JR06L2
2.7
10.5
20.5
31.5
27.5
216
8.8
50
37
PHE426HF7270JR06L2
3.3
11.5
22.5
31.5
27.5
198
10.6
50
34
PHE426HF7330JR06L2
3.9
13.5
23.0
31.5
27.5
171
12.7
50
33
PHE426HF7390JR06L2
4.7
13.5
23.0
31.5
27.5
171
12.7
50
32
PHE426HF7470JR06L2
5.6
17.5
28.0
31.5
27.5
126
19.7
50
28
PHE426HF7560JR06L2
6.8
17.5
28.0
31.5
27.5
126
19.7
50
28
PHE426HF7680JR06L2
8.2
19.0
29.0
31.5
27.5
117
22.1
50
26
PHE426HF7820JR06L2
10.0
21.0
30.0
31.5
27.5
108
25.3
50
26
PHE426HF8100JR06L2
LEAD SPACING 37.5 MM
4.7
13.0
24.0
41.0
37.5
140
16.6
30
27
PHE426HR7470JR06L2
5.6
13.0
24.0
41.0
37.5
140
16.6
30
27
PHE426HR7560JR06L2
6.8
15.0
26.0
41.0
37.5
119
20.8
30
25
PHE426HR7680JR06L2
8.2
16.5
32.0
41.0
37.5
105
28.1
30
21
PHE426HR7820JR06L2
10.0
16.5
32.0
41.0
37.5
105
28.1
30
21
PHE426HR8100JR06L2
12.0
19.0
36.0
41.0
37.5
91
36.5
30
19
PHE426HR8120JR06L2
15.0
19.0
36.0
41.0
37.5
91
36.5
30
19
PHE426HR8150JR06L2
18.0
21.0
38.0
41.0
37.5
84
42.5
30
17
PHE426HR8180JR06L2
20.0
21.0
38.0
41.0
37.5
84
42.5
30
17
PHE426HR8200JR06L2
300 VDC/160 VAC
LEAD SPACING 10 MM
0.033
4.0
9.0
13.0
10.0
1000
900
0.6
200
135
PHE426JA5330JR05
0.039
4.0
9.0
13.0
10.0
1000
900
0.6
200
135
PHE426JA5390JR05
0.047
4.0
9.0
13.0
10.0
1000
900
0.6
200
135
PHE426JA5470JR05
0.056
4.0
9.0
13.0
10.0
1000
900
0.6
200
135
PHE426JA5560JR05
0.068
4.5
10.5
13.0
10.0
1000
800
0.9
200
120
PHE426JA5680JR05
0.082
4.5
10.5
13.0
10.0
1000
800
0.9
200
120
PHE426JA5820JR05
0.10
5.0
11.0
13.0
10.0
800
700
1.0
200
113
PHE426JA6100JR05
0.12
5.0
11.0
13.0
10.0
800
700
1.0
200
113
PHE426JA6120JR05
0.15
6.0
12.0
13.0
10.0
600
500
1.3
200
105
PHE426JA6150JR05
LEAD SPACING 15 MM
0.10
5.5
10.5
18.0
15.0
1000
600
1.5
150
99
PHE426JB6100JR06
0.12
5.5
10.5
18.0
15.0
1000
600
1.5
150
99
PHE426JB6120JR06
0.15
5.5
10.5
18.0
15.0
1000
600
1.5
150
99
PHE426JB6150JR06
0.18
5.5
12.5
18.0
15.0
1000
600
1.7
150
85
PHE426JB6180JR06
0.22
6.0
12.0
18.0
15.0
1000
500
1.8
150
83
PHE426JB6220JR06
0.27
6.5
12.5
18.0
15.0
1000
500
2.0
150
82
PHE426JB6270JR06
0.33
7.5
14.5
18.0
15.0
800
400
2.7
150
74
PHE426JB6330JR06
0.39
7.5
14.5
18.0
15.0
800
400
2.7
150
74
PHE426JB6390JR06
0.47
8.0
15.0
18.0
15.0
600
400
3.0
150
71
PHE426JB6470JR06
0.56
8.5
16.0
18.0
15.0
600
400
3.4
150
64
PHE426JB6560JR06
0.68
9.5
17.5
18.0
15.0
500
350
4.2
150
60
PHE426JB6680JR06
LEAD SPACING 22.5 MM
0.33
6.5
14.5
26.0
22.5
234
3.2
100
58
PHE426JD6330JR06L2
0.39
6.5
14.5
26.0
22.5
234
3.2
100
58
PHE426JD6390JR06L2
0.47
6.5
14.5
26.0
22.5
234
3.2
100
58
PHE426JD6470JR06L2
0.56
6.5
14.5
26.0
22.5
234
3.2
100
58
PHE426JD6560JR06L2
0.68
7.0
16.5
26.0
22.5
216
3.9
100
53
PHE426JD6680JR06L2
0.82
8.0
16.0
26.0
22.5
186
4.3
100
53
PHE426JD6820JR06L2
1.0
9.0
18.5
26.0
22.5
168
5.6
100
48
PHE426JD7100JR06L2
1.2
10.5
19.0
26.0
22.5
264
6.7
100
45
PHE426JD7120JR06L2
1.5
11.0
21.5
26.0
22.5
253
8.0
100
40
PHE426JD7150JR06L2
1.8
13.5
23.0
26.0
22.5
209
8.2
100
40
PHE426JD7180JR06L2


Similar Part No. - PHE426PF6120JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426PF6120JR06L2 KEMET-PHE426PF6120JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426PF6120JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com