Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1231F-100AC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1231F-100AC
Description  2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1231F-100AC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1231F-100AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1231F-100AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7C1231F
Document #: 38-05437 Rev. *C
Page 2 of 12
Selection Guide
CY7C1231F-117
CY7C1231F-100
Unit
Maximum Access Time
7.5
8.5
ns
Maximum Operating Current
220
205
mA
Maximum CMOS Standby Current
40
40
mA
Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of this part.
Pin Configuration
100-lead TQFP
A
NC
NC
VDDQ
VSS
NC
DQPA
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1231F
BYTE A
BYTE B


Similar Part No. - CY7C1231F-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F-100 CYPRESS-CY7C1231F-100 Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
More results

Similar Description - CY7C1231F-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com