Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1219H-100AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1219H-100AXC
Description  1-Mbit (32K x 36) Pipelined DCD Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1219H-100AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1219H-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1219H-100AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C1219H
Document #: 38-05664 Rev. *B
Page 7 of 16
Read Cycle, Suspend
Burst
Current
X
X
X
L
H
H
H
H
H
L-H
Tri-State
Read Cycle, Suspend
Burst
Current
H
X
X
L
X
H
H
H
L
L-H
Q
Read Cycle, Suspend
Burst
Current
H
X
X
L
X
H
H
H
H
L-H
Tri-State
Write Cycle, Suspend
Burst
Current
X
X
X
L
H
H
H
L
X
L-H
D
Write Cycle, Suspend
Burst
Current
H
X
X
L
X
H
H
L
X
L-H
D
Truth Table for Read/Write[2, 3]
Function
GW
BWE
BWA
BWB
BWC
BWD
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write byte A - (DQA and DQPA)H
L
L
H
H
H
Write byte B - (DQBand DQPB)H
L
H
L
H
H
Write byte C - (DQCand DQPC)H
L
H
H
L
H
Write byte D - (DQDand DQPD)H
L
H
H
H
L
Write all bytes
H
L
L
L
L
L
Write all bytes
L
X
X
X
X
X
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD − 0.2V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ Active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2, 3, 4, 5, 6] (continued)
Operation
Address
Used
CE1 CE2 CE3
ZZ
ADSP
ADSC
ADV
WRITE
OE
CLK
DQ


Similar Part No. - CY7C1219H-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1219F-133AC CYPRESS-CY7C1219F-133AC Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1219H-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1215H CYPRESS-CY7C1215H Datasheet
383Kb / 15P
   1-Mbit (32K x 32) Pipelined Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com