Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1218F-133AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1218F-133AC
Description  1-Mb (32K x36) Pipelined Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1218F-133AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1218F-133AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1218F-133AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY7C1218F
Document #: 38-05422 Rev. **
Page 9 of 16
Thermal Resistance[10]
Parameter
Description
Test Conditions
TQFP
Package
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test meth-
ods and procedures for measuring ther-
mal impedance, per EIA/JESD51
41.83
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
9.99
°C/W
Capacitance[10]
Parameter
Description
Test Conditions
Max. Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V.
VDDQ = 3.3V
5
pF
CCLK
Clock Input Capacitance
5
pF
CI/O
Input/Output Capacitance
5
pF
AC Test Loads and Waveforms
Note:
10. Tested initially and after any design or process change that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VL = 1.5V
3.3V
ALL INPUT PULSES
VDD
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
3.3V I/O Test Load


Similar Part No. - CY7C1218F-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1218H CYPRESS-CY7C1218H Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
CY7C1218H-100AXC CYPRESS-CY7C1218H-100AXC Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
CY7C1218H-100AXI CYPRESS-CY7C1218H-100AXI Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
CY7C1218H-133AXC CYPRESS-CY7C1218H-133AXC Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
CY7C1218H-133AXI CYPRESS-CY7C1218H-133AXI Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
More results

Similar Description - CY7C1218F-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1218H CYPRESS-CY7C1218H Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
CY7C1215H CYPRESS-CY7C1215H Datasheet
383Kb / 15P
   1-Mbit (32K x 32) Pipelined Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1219H CYPRESS-CY7C1219H Datasheet
359Kb / 16P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
   2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1326F CYPRESS-CY7C1326F Datasheet
331Kb / 15P
   2-Mb (128K x 18) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com