Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-12VXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1049CV33-12VXI
Description  4-Mbit (512K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-12VXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1049CV33-12VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-12VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *E
Page 5 of 11
AC Switching Characteristics Over the Operating Range [6]
Parameter
Description
-8
-10
-12
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tpower
[7]
VCC(typical) to the first access
1
11
µs
tRC
Read Cycle Time
8
10
12
ns
tAA
Address to Data Valid
810
12
ns
tOHA
Data Hold from Address Change
3
33
ns
tACE
CE LOW to Data Valid
810
12
ns
tDOE
OE LOW to Data Valid
45
6
ns
tLZOE
OE LOW to Low-Z
0
00
ns
tHZOE
OE HIGH to High-Z[8, 9]
45
6
ns
tLZCE
CE LOW to Low-Z[9]
3
33
ns
tHZCE
CE HIGH to High-Z[8, 9]
45
6
ns
tPU
CE LOW to Power-up
0
00
ns
tPD
CE HIGH to Power-down
810
12
ns
Write Cycle[10, 11]
tWC
Write Cycle Time
8
10
12
ns
tSCE
CE LOW to Write End
6
78
ns
tAW
Address Set-up to Write End
6
78
ns
tHA
Address Hold from Write End
0
00
ns
tSA
Address Set-up to Write Start
0
00
ns
tPWE
WE Pulse Width
6
78
ns
tSD
Data Set-up to Write End
4
56
ns
tHD
Data Hold from Write End
0
00
ns
tLZWE
WE HIGH to Low-Z[9]
3
33
ns
tHZWE
WE LOW to High-Z[8, 9]
45
6
ns
Shaded areas contain advance information.
AC Switching Characteristics Over the Operating Range [6]
Parameter
Description
-15
-20
Unit
Min.
Max.
Min.
Max.
Read Cycle
tpower
[7]
VCC(typical) to the first access
1
1
µs
tRC
Read Cycle Time
15
20
ns
tAA
Address to Data Valid
15
20
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
15
20
ns
tDOE
OE LOW to Data Valid
7
8
ns
Notes:
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
7. tPOWER gives the minimum amount of time that the power supply should be at stable, typical VCC values until the first memory access can be performed.
8. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
10. The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of either
of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
11. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1049CV33-12VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-12VXC CYPRESS-CY7C1049CV33-12VXC Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049CV33-12VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com