Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1071AV33-10BBI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1071AV33-10BBI
Description  32-Mbit (2M x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1071AV33-10BBI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1071AV33-10BBI Datasheet HTML 1Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 2Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 3Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C1071AV33-10BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY
CY7C1071AV33
Document #: 38-05634 Rev. *A
Page 4 of 10
AC Test Loads and Waveforms[3]
AC Switching Characteristics Over the Operating Range [4]
Parameter
Description
-10
-12
Unit
Min.
Max.
Min.
Max.
Read Cycle
tpower
VCC(typical) to the first access
[5]
11
ms
tRC
Read Cycle Time
10
12
ns
tAA
Address to Data Valid
10
12
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE HIGH to Data Valid
10
12
ns
tDOE
OE LOW to Data Valid
5
6
ns
tLZOE
OE LOW to Low-Z
1
1
ns
tHZOE
OE HIGH to High-Z[6]
56
ns
tLZCE
CE HIGH to Low-Z[6]
33
ns
tHZCE
CE LOW to High-Z[6]
56
ns
tPU
CE HIGH to Power-Up[7]
00
ns
tPD
CE LOW to Power-Down[7]
10
12
ns
tDBE
Byte Enable to Data Valid
10
12
ns
tLZBE
Byte Enable to Low-Z
1
1
ns
tHZBE
Byte Disable to High-Z
5
6
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
10
12
ns
tSCE
CE HIGH to Write End
7
8
ns
Notes:
3. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (3.0V). As soon as 1 ms (Tpower) after reaching the
minimum operating VDD, normal SRAM operation can begin including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and specified transmission line loads. Test conditions for the Read cycle use output loading shown in part a) of the AC test loads, unless specified
otherwise.
5. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
6. tHZOE, tHZCE, tHZWE, tHZBE and tLZOE, tLZCE, t\LZWE, tLZBE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured ±200
mV from steady-state voltage.
7. These parameters are guaranteed by design and are not tested.
8. The internal Write time of the memory is defined by the overlap of CE HIGH and WE LOW. Chip enables must be active and WE and byte enables must be LOW
to initiate a Write, and the transition of any of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading
edge of the signal that terminates the Write.
9. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
90%
10%
3.3V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
5 pF*
INCLUDING
JIG AND
SCOPE
(a)
(b)
R1 317
Ω
R2
351
Ω
Rise time > 1 V/ns
Fall time:
> 1 V/ns
(c)
OUTPUT
50
Ω
Z0 = 50Ω
VTH = 1.5V
30 pF*
* Capacitive Load consists of all
components of the test environment.


Similar Part No. - CY7C1071AV33-10BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1071DV33 CYPRESS-CY7C1071DV33 Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
CY7C1071DV33-12BAXI CYPRESS-CY7C1071DV33-12BAXI Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
More results

Similar Description - CY7C1071AV33-10BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30 CYPRESS-CY62177DV30_09 Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV20 CYPRESS-CY62177DV20_08 Datasheet
308Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_11 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com