Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041CV33-15ZI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1041CV33-15ZI
Description  4-Mbit (256K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-15ZI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1041CV33-15ZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-15ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY7C1041CV33
Document Number: 38-05134 Rev. *I
Page 3 of 14
Pin Definitions
Pin Name
SOJ, TSOP
Pin Number
BGA
Pin Number
IO Type
Description
A0–A17
1–5, 18–27,
42–44
A3, A4, A5, B3,
B4, C3, C4,
D4, H2, H3, H4,
H5, G3, G4, F3,
F4, E4, D3
Input
Address Inputs. Used to select one of the address locations.
IO0–IO15
7–10,13–16,
29–32, 35–38
B1, C1, C2, D2,
E2, F2, F1, G1,
B6, C6, C5, D5,
E5, F5, F6, G6
Input or Output Bidirectional Data IO lines. Used as input or output lines depending
on operation.
NC
28
A6, E3, G2, H1,
H6
No Connect
No Connects. Not connected to the die.
WE
17
G5
Input or
Control
Write Enable Input, Active LOW. When selected LOW, a write is
conducted. When deselected HIGH, a read is conducted.
CE
6
B5
Input or
Control
Chip Enable Input, Active LOW. When LOW, selects the chip.
When HIGH, deselects the chip.
BHE, BLE
40, 39
B2, A1
Input or
Control
Byte Write Select Inputs, Active LOW. BHE controls IO16 – IO9,
BLE controls IO8 – IO1.
OE
41
A2
Input or
Control
Output Enable, Active LOW. Controls the direction of the IO pins.
When LOW, the IO pins are allowed to behave as outputs. When
deasserted HIGH, the IO pins are tri-stated and act as input data
pins.
VSS
12, 34
D1, E6
Ground
Ground for the Device. Connected to ground of the system.
VCC
11, 33
D6, E1
Power Supply Power Supply Inputs to the Device.
[+] Feedback


Similar Part No. - CY7C1041CV33-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-15ZI CYPRESS-CY7C1041CV33-15ZI Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33-15ZI CYPRESS-CY7C1041CV33-15ZI Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com