Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1062DV33-10BGXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1062DV33-10BGXI
Description  16-Mbit (512K X 32) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1062DV33-10BGXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1062DV33-10BGXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1062DV33-10BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C1062DV33
Document Number: 38-05477 Rev.*D
Page 4 of 11
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
IO Capacitance
10
pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
119-Ball
PBGA
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still air, soldered on a 3 × 4.5 inch,
four layer printed circuit board
20.31
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
8.35
°C/W
AC Test Loads and Waveforms
The AC test loads and waveform diagram follows. [4]
90%
10%
3.0V
GND
90%
10%
All input pulses
3.3V
OUTPUT
5 pF*
(a)
(b)
R1 317
R2
351
Fall Time:> 1V/ns
(c)
OUTPUT
50
Z0= 50Ω
VTH = 1.5V
30 pF*
*Capacitive Load consists of all
components of the test environment
Rise Time > 1V/ns
*Including jig
and scope
Note
4. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (3.0V). 100µs (tpower) after reaching the minimum operating
VDD, normal SRAM operation begins including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.


Similar Part No. - CY7C1062DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062DV33-10BGXI CYPRESS-CY7C1062DV33-10BGXI Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33-10BGXI CYPRESS-CY7C1062DV33-10BGXI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
More results

Similar Description - CY7C1062DV33-10BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com