Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C421-30JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C421-30JC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-30JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C421-30JC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 9Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 10Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 11Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 12Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 13Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 14Page - Cypress Semiconductor CY7C421-30JC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *B
Page 11 of 25
Architecture
The
CY7C419,
CY7C420/1,
CY7C424/5,
CY7C428/9,
CY7C432/3 FIFOs consist of an array of 256, 512, 1024, 2048,
4096 words of 9 bits each (implemented by an array of
dual-port RAM cells), a read pointer, a write pointer, control
signals (W, R, XI, XO, FL, RT, MR), and Full, Half Full, and
Empty flags.
Dual-Port RAM
The dual-port RAM architecture refers to the basic memory
cell used in the RAM. The cell itself enables the read and write
operations to be independent of each other, which is
necessary to achieve truly asynchronous operation of the
inputs and outputs. A second benefit is that the time required
to increment the read and write pointers is much less than the
time that would be required for data propagation through the
memory, which would be the case if the memory were imple-
mented using the conventional register array architecture.
Resetting the FIFO
Upon power-up, the FIFO must be reset with a Master Reset
(MR) cycle. This causes the FIFO to enter the empty condition
signified by the Empty flag (EF) being LOW, and both the Half
Full (HF) and Full flags (FF) being HIGH. Read (R) and write
(W) must be HIGH tRPW/tWPW before and tRMR after the rising
edge of MR for a valid reset cycle. If reading from the FIFO
after a reset cycle is attempted, the outputs will all be in the
high-impedance state.
Writing Data to the FIFO
The availability of at least one empty location is indicated by a
HIGH FF. The falling edge of W initiates a write cycle. Data
appearing at the inputs (D0–D8) tSD before and tHD after the
rising edge of W will be stored sequentially in the FIFO.
The EF LOW-to-HIGH transition occurs tWEF after the first
LOW-to-HIGH transition of W for an empty FIFO. HF goes
LOW tWHF after the falling edge of W following the FIFO
actually being Half Full. Therefore, the HF is active once the
Expansion Timing Diagrams
Note:
15. Expansion Out of device 1 (XO1) is connected to Expansion In of device 2 (XI2).
Switching Waveforms (continued)
R
W
XO1(XI2)
D0–D 8
DATA VALID
DATA
DATA
VALID
VALID
tXOL
tXOH
tHD
tSD
tSD
tHD
tXOL
tLZR
tA
tDVR
tXOH
tA
tDVR
tHZR
XO1(XI2)
Q0–Q 8
WRITE TO LAST PHYSICAL
LOCATION OF DEVICE 1
WRITE TO FIRST PHYSICAL
LOCATION OF DEVICE 2
READ FROM LAST PHYSICAL
LOCATION OF DEVICE 1
READ FROM FIRST PHYSICAL
LOCATION OF DEVICE 2
tWR
tRR
DATA VALID
[15]
[15]


Similar Part No. - CY7C421-30JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-30JC CYPRESS-CY7C421-30JC Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-30JC CYPRESS-CY7C421-30JC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421-30JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com