Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041CV33-12VXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1041CV33-12VXC
Description  4-Mbit (256K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-12VXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1041CV33-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1041CV33-12VXC Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C1041CV33
Document Number: 38-05134 Rev. *I
Page 10 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1041CV33-10BAXC
51-85106 48-ball Fine Pitch BGA (Pb-Free)
Commercial
CY7C1041CV33-10VC
51-85082 44-pin (400-mil) Molded SOJ
CY7C1041CV33-10VXC
44-pin (400-mil) Molded SOJ (Pb-Free)
CY7C1041CV33-10ZXC
51-85087 44-pin TSOP II (Pb-Free)
CY7C1041CV33-10BAI
51-85106 48-ball Fine Pitch BGA
Industrial
CY7C1041CV33-10BAXI
48-ball Fine Pitch BGA (Pb-Free)
CY7C1041CV33-10ZI
51-85087 44-pin TSOP II
CY7C1041CV33-10ZXI
44-pin TSOP II (Pb-Free)
CY7C1041CV33-10BAXA
51-85106 48-ball Fine Pitch BGA (Pb-Free)
Automotive-A
CY7C1041CV33-10ZSXA
51-85087 44-pin TSOP II (Pb-Free)
12
CY7C1041CV33-12VXC
51-85082 44-pin (400-mil) Molded SOJ (Pb-Free)
Commercial
CY7C1041CV33-12ZXC
51-85087 44-pin TSOP II (Pb-Free)
CY7C1041CV33-12ZI
51-85087 44-pin TSOP II
Industrial
CY7C1041CV33-12ZXI
44-pin TSOP II (Pb-Free)
CY7C1041CV33-12BAXE
51-85106 48-ball Fine Pitch BGA (Pb-Free)
Automotive-E
CY7C1041CV33-12ZSXE
51-85087 44-pin TSOP II (Pb-Free)
15
CY7C1041CV33-15ZXC
51-85087 44-pin TSOP II (Pb-Free)
Commercial
CY7C1041CV33-15VI
51-85082 44-pin (400-mil) Molded SOJ
Industrial
CY7C1041CV33-15VXI
44-pin (400-mil) Molded SOJ (Pb-Free)
CY7C1041CV33-15ZI
51-85087 44-pin TSOP II
CY7C1041CV33-15ZXI
44-pin TSOP II (Pb-Free)
20
CY7C1041CV33-20ZC
51-85087 44-pin TSOP II
Commercial
CY7C1041CV33-20ZSXA
51-85087 44-pin TSOP II (Pb-Free)
Automotive-A
CY7C1041CV33-20VE
51-85082 44-pin (400-mil) Molded SOJ
Automotive-E
CY7C1041CV33-20VXE
44-pin (400-mil) Molded SOJ (Pb-Free)
CY7C1041CV33-20ZE
51-85087 44-pin TSOP II
CY7C1041CV33-20ZSXE
44-pin TSOP II (Pb-Free)
Please contact your local Cypress sales representative for availability of these parts
[+] Feedback


Similar Part No. - CY7C1041CV33-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-12VXC CYPRESS-CY7C1041CV33-12VXC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com