Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1672U-3+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1672U-3+
Description  I2C 32-Bit Binary Counter RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672U-3+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1672U-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1672U-3+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS1672
7 of 15
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 2
X1, X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF. For more information about crystal selection and
crystal layout considerations, refer to Application Note 58: Crystal
Considerations with Dallas Real-Time Clocks. The DS1672 can also be driven
by an external 32.768kHz oscillator. In this configuration, the X1 pin is
connected to the external oscillator signal and the X2 pin is floated.
3
VBACKUP
Battery Input for Any Standard 3V Lithium Cell or Other Energy Source.
Battery voltage must be held between 1.3V and 3.63V for proper operation.
Diodes placed in series between the power source and the VBACKUP may result
in improper operation. If a backup supply is not required, VBACKUP must be
grounded. UL recognized to ensure against reverse charging current when used
in conjunction with a lithium battery (charger disabled). See “Conditions of
Acceptability” at www.maxim-ic.com/qa/info/ul.
4
GND
Ground. DC power is provided to the device on this pin.
5
SDA
Serial-Data Input/Output. SDA is the input/output pin for the I2C serial
interface. The SDA pin is open drain and requires an external pullup resistor.
6
SCL
I2C Serial-Clock Input. SCL is used to synchronize data movement on the
serial interface and requires an external pullup resistor.
7
RST
Active-Low Reset Output. It functions as a microprocessor reset signal. This
pin is an open-drain output and requires an external pullup resistor.
8
VCC
Power Pin for Primary Power Supply. When VCC is applied within normal
limits, the device is fully accessible and data can be written and read. When
VCC is below VPF, reads and writes are inhibited.
Figure 3. Recommended Layout for Crystal
LOCAL GROUND PLANE (LAYER 2)
CRYSTAL
X1
X2
GND


Similar Part No. - DS1672U-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672U-3 DALLAS-DS1672U-3 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
DS1672U-33 DALLAS-DS1672U-33 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
More results

Similar Description - DS1672U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
   I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
   2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com