Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C141-35NI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C141-35NI
Description  1K x 8 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C141-35NI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C141-35NI Datasheet HTML 1Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 2Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 3Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 4Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 5Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 6Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 7Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 8Page - Cypress Semiconductor CY7C141-35NI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
Document #: 38-06002 Rev. *D
Page 4 of 19
ISB4
Standby Current
One Port,
CMOS Inputs
One Port CEL or
CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V,
Active Port Outputs
Open,
f = fMAX[10]
Com’l
125
105
85
70
mA
Mil
105
85
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
15
pF
COUT
Output Capacitance
10
pF
Electrical Characteristics Over the Operating Range[6] (continued)
Parameter
Description
Test Conditions
7C131-15[3]
7C141-15
7C130-30[3]
7C131-25,30
7C140-30
7C141-25,30
7C130-35,45
7C131-35,45
7C140-35,45
7C141-35,45
7C130-55
7C131-55
7C140-55
7C141-55
Unit
Min.
Max.
Min.
Max.
Min. Max.
Min. Max.
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 893
R2
347
30 pF
INCLUDING
JIGAND
SCOPE
GND
90%
90%
10%
≤ 5ns
≤5ns
5V
OUTPUT
R1 893
R2
347
5pF
INCLUDING
JIGAND
SCOPE
(a)
(b)
OUTPUT
1.40V
Equivalent to:
THÉVENIN EQUIVALENT
5V
281
30
pF
BUSY
OR
INT
BUSY Output Load
(CY7C130/CY7C131 ONLY)
10%
ALL INPUT PULSES
250


Similar Part No. - CY7C141-35NI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C141-35NI CYPRESS-CY7C141-35NI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C141-35NI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com