Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049DV33-12VXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1049DV33-12VXE
Description  4-Mbit (512K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049DV33-12VXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1049DV33-12VXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1049DV33-12VXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1049DV33
Document Number: 38-05475 Rev. *D
Page 3 of 10
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. User guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +125°C
Supply Voltage on VCC to Relative GND[2].....–0.3V to +4.6V
DC Voltage Applied to Outputs
in High Z State[2].................................... –0.3V to VCC + 0.3V
DC Input Voltage[2] ................................ –0.3V to VCC + 0.3V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............. ...............................>2001V
(MIL-STD-883, Method 3015)
Latch up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Speed
Industrial
–40
°C to +85°C3.3V ± 0.3V
10 ns
Automotive
–40
°C to +125°C
3.3V
± 0.3V
12 ns
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-10 (Industrial)
-12 (Automotive)
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min,
IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
0.4
V
VIH[2]
Input HIGH Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL[2]
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max, f = fMAX = 1/tRC 100 MHz
90
-mA
83 MHz
80
95
mA
66 MHz
70
85
mA
40 MHz
60
75
mA
ISB1
Automatic CE
Power down Current
—TTL Inputs
Max VCC, CE > VIH;
VIN > VIH or
VIN < VIL, f = fMAX
20
25
mA
ISB2
Automatic CE
Power down Current
—CMOS Inputs
Max VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
10
15
mA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
IO Capacitance
8pF
Note
2. VIL (min.) = –2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns.


Similar Part No. - CY7C1049DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33-12VXE CYPRESS-CY7C1049DV33-12VXE Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-12VXE CYPRESS-CY7C1049DV33-12VXE Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY7C1049DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com