Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1689SN Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1689SN
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689SN Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1689SN Datasheet HTML 5Page - Dallas Semiconductor DS1689SN Datasheet HTML 6Page - Dallas Semiconductor DS1689SN Datasheet HTML 7Page - Dallas Semiconductor DS1689SN Datasheet HTML 8Page - Dallas Semiconductor DS1689SN Datasheet HTML 9Page - Dallas Semiconductor DS1689SN Datasheet HTML 10Page - Dallas Semiconductor DS1689SN Datasheet HTML 11Page - Dallas Semiconductor DS1689SN Datasheet HTML 12Page - Dallas Semiconductor DS1689SN Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DS1689/DS1693
9 of 36
minute with “don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all three
alarm bytes create an interrupt every second. The three alarm bytes may be used in conjunction with the
date alarm as described in the Wakeup/Kickstart section. The century counter will be discussed later in
this text.
Table 1. Time, Calendar, and Alarm Data Modes
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA
MODE
BCD DATA
MODE
00H
Seconds
0-59
00-3B
00-59
01H
Seconds Alarm
0-59
00-3B
00-59
02H
Minutes
0-59
00-3B
00-59
03H
Minutes Alarm
0-59
00-3B
00-59
Hours 12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12 AM, 81-92 PM
04H
Hours 24-hr Mode
0-23
00-17
00-23
Hours Alarm 12-hr
Mode
1-12
01-0C AM, 81-8C PM
01-12 AM, 81-92 PM
05H
Hours Alarm 24-hr
Mode
0-23
00-17
00-23
06H
Day of Week
Sunday=1
1-7
01-07
01-07
07H
Date of Month
1-31
01-1F
01-31
08H
Month
1-12
01-0C
01-12
09H
Year
0-99
00-63
00-99
BANK1, 48H
Century
0-99
00-63
00-99
BANK 1, 49H
Date Alarm
1-31
01-1F
01-31
CONTROL REGISTERS
The four control registers; A, B, C, and D reside in both bank 0 and bank 1. These registers are accessible
at all times, even during the update cycle.
NONVOLATILE RAM—RTC
The 114 general-purpose nonvolatile RAM bytes are not dedicated to any special function within the
DS1689/DS1693. They can be used by the application program as nonvolatile memory and are fully
available during the update cycle. This memory is directly accessible when bank 0 is selected.
INTERRUPT CONTROL
The DS1689/DS1693 include six separate, fully automatic sources of interrupt for a processor:
1. Alarm interrupt
2. Periodic interrupt
3. Update-ended interrupt
4. Wake-up interrupt
5. Kickstart interrupt
6. RAM clear interrupt
The conditions, which generate each of these independent interrupt conditions, are described in greater
detail elsewhere in this data sheet. This section describes the overall control of the interrupts.


Similar Part No. - DS1689SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1689SN DALLAS-DS1689SN Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS1689SN MAXIM-DS1689SN Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
DS1689SN++ MAXIM-DS1689SN+ Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
DS1689SN+T&R MAXIM-DS1689SN+T&R Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
DS1689SN/T&R MAXIM-DS1689SN/T&R Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results

Similar Description - DS1689SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com