Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9825 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9825
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825 Datasheet(HTML) 1 Page - STMicroelectronics

  L9825 Datasheet HTML 1Page - STMicroelectronics L9825 Datasheet HTML 2Page - STMicroelectronics L9825 Datasheet HTML 3Page - STMicroelectronics L9825 Datasheet HTML 4Page - STMicroelectronics L9825 Datasheet HTML 5Page - STMicroelectronics L9825 Datasheet HTML 6Page - STMicroelectronics L9825 Datasheet HTML 7Page - STMicroelectronics L9825 Datasheet HTML 8Page - STMicroelectronics L9825 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L9825
July 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
OUTPUTS CURRENT CAPABILITY UP TO
1A, RON ≤ 0,75Ω AT TJ = 25°C
s
PARALLEL CONTROL INPUTS FOR
OUTPUTS 1 AND 2
s
SPI CONTROL FOR OUTPUTS 1 TO 8
s
RESET FUNCTION WITH RESET SIGNAL AT
NRES PIN OR UNDERVOLTAGE AT VCC
s
INTRINSIC OUTPUT VOLTAGE CLAMPING
AT TYP. 50V
s
OVERCURRENT SHUTDOWN AT OUTPUTS
1 TO 6
s
SHORT CIRCUIT CURRENT LIMITATION
AND SELECTIVE THERMAL SHUTDOWN AT
OUTPUTS 7 AND 8
s
OUTPUT STATUS DATA AVAILABLE ON THE
SPI
DESCRIPTION
L9825 is a Octal Low-Side Driver Circuit, dedicated
for automotive applications. Output voltage clamping
is provided for flyback current recirculation, when in-
ductive loads are driven. Chip Select and Serial Pe-
ripheral Interface for outputs control and diagnostic
data transfer. Parallel Control inputs for two outputs.
PowerSO20
ORDERING NUMBER: L9825
PRODUCT PREVIEW
Octal Low-side Driver For Resistive and Inductive Loads With
Serial / Parallel Input Control, Output Protection and Diagnostic
BLOCK DIAGRAM
NCS
SDI
CLK
SDO
NON1
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
Diag1
Diag8
nRES
Q1
CH1
Diag1
+
-
CH7
Diag7
Q7
Q1
Q8
CH3
Diag3
Q3
+
-
CH4
CH5
CH6
CH2
NON2
Diag2
Diag4
Q4
Diag5
Q5
Diag6
Q6
Q8
CH8
Diag8
Fault Latch
Q2
Reset
R
S
Latch / Driver
Reset
Undervoltage
RESET
+
-
Current Control
Overtemperature Detection
3
1
2
S
R
Latch / Driver
S
R
Latch / Driver
Q2
Q3
Q4
Q5
Q6
Q7
Diag2
Diag3
Diag4
Diag5
Diag6
Diag7
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VDG
IOL
IOL
VDG
IOL
VDG


Similar Part No. - L9825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
   Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
   Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
   Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
More results

Similar Description - L9825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
   Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
   Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
   Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
   Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
L9823 STMICROELECTRONICS-L9823 Datasheet
168Kb / 12P
   Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
logo
Intersil Corporation
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
   Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com