Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1670S+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1670S+
Description  Portable System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1670S+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1670S+ Datasheet HTML 5Page - Maxim Integrated Products DS1670S+ Datasheet HTML 6Page - Maxim Integrated Products DS1670S+ Datasheet HTML 7Page - Maxim Integrated Products DS1670S+ Datasheet HTML 8Page - Maxim Integrated Products DS1670S+ Datasheet HTML 9Page - Maxim Integrated Products DS1670S+ Datasheet HTML 10Page - Maxim Integrated Products DS1670S+ Datasheet HTML 11Page - Maxim Integrated Products DS1670S+ Datasheet HTML 12Page - Maxim Integrated Products DS1670S+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1670
9 of 16
input that is selected by these 2 bits. Note also that the converter can be turned off by these bits to reduce
power. When the ADC is turned on by setting AIS0 and AIS1 to any value other than 0,0 the analog input
voltage is converted and written to the ADC Register within 488ms. An internal analog filter at the input
reduces high frequency noise. Subsequent updates occur approximately every 10ms. If AIS0 and/or AIS1
are changed, updates will occur at the next 10ms conversion time.
The Conversion Update In Progress (CU) bit in the Status Register indicates when the ADC Register can
be read. When this bit is a 1, an update to the ADC Register will occur within 488ms maximum.
However, when this bit is 0 an update will not occur for at least 244ms. The CU bit should be polled
before reading the ADC Register to ensure that the contents are stable during a read cycle. Once a read
cycle to the ADC Register has been started, the DS1670 will not update that register until the read cycle
has been completed. It should also be mentioned that taking CS low will abort the read cycle and will
allow the ADC Register to be updated.
Figure 6 illustrates the timing of the CU bit relative to an instruction to begin conversion and the
completion of that conversion.
CU BIT TIMING Figure 6
3-WIRE SERIAL INTERFACE
Communication with the DS1670 is accomplished through a simple 3-wire interface consisting of the
Chip Select (CS), Serial Clock (SCLK) and Input/Output (I/O) pins.
All data transfers are initiated by driving the CS input high. The CS input serves two functions. First, CS
turns on the control logic, which allows access to the shift register for the address/command sequence.
Second, the CS signal provides a method of terminating either single byte or multiple byte (burst) data
transfer. A clock cycle is a sequence of a rising edge followed by a falling edge. For data input, data must
be valid during the rising edge of the clock and data bits are output on the falling edge of the clock. If the
CS input goes low, all data transfer terminates and the I/O pin goes to a high-impedance state.


Similar Part No. - DS1670S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1670S DALLAS-DS1670S Datasheet
252Kb / 17P
   Portable System Controller
More results

Similar Description - DS1670S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com