Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1501WEN+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1501WEN+
Description  Y2K-Compliant Watchdog Real-Time Clocks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501WEN+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1501WEN+ Datasheet HTML 1Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 2Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 3Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 4Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 5Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 6Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 7Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 8Page - Maxim Integrated Products DS1501WEN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
3 of 21
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V; TA = 0°C to +70°C; VCC = 0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Current, BB32 = 0,
EOSC = 0
IBAT1
(Note 7)
0.27
1.0
µA
Battery Current, BB32 = 0,
EOSC = 1
IBAT2
(Note 7)
0.01
0.1
µA
VBAUX Current BB32 = 1, SQW Open
IBAUX
(Note 7)
2
µA
CRYSTAL SPECIFICATIONS*
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
45
k
Load Capacitance
CL
6/12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal Considerations
for Dallas Real-Time Clocks for additional specifications.
AC OPERATING CHARACTERISTICS
(VCC = 5V ±10%, TA = 0°C to +70°C; VCC = 5V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Cycle Time
tRC
70
ns
Address Access Time
tAA
70
ns
CE to DQ Low-Z
tCEL
(Note 8)
5
ns
CE Access Time
tCEA
70
ns
CE Data-Off Time
tCEZ
(Note 8)
25
ns
OE to DQ Low-Z (0°C to +85°C)
tOEL
(Note 8)
5
ns
OE to DQ Low-Z (-40°C to 0°C)
tOEL
(Note 8)
2
ns
OE Access Time
tOEA
35
ns
OE Data-Off Time
tOEZ
(Note 8)
25
ns
Output Hold from Address
tOH
5
ns
Write Cycle Time
tWC
70
ns
Address Setup Time
tAS
0
ns
WE Pulse Width
tWEW
50
ns
CE Pulse Width
tCEW
55
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH
5
ns
Address Hold Time
tAH
0
ns
WE Data-Off Time
tWEZ
(Note 8)
25
ns
Write Recovery Time
tWR
15
ns
Pulse Width,
OE, WE, or CE High
PWHIGH
20
ns
Pulse Width,
OE, WE, or CE Low
PWLOW
70
ns


Similar Part No. - DS1501WEN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1501WEN++ MAXIM-DS1501WEN+ Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1501WEN+TR MAXIM-DS1501WEN+TR Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
More results

Similar Description - DS1501WEN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501 DALLAS-DS1501 Datasheet
265Kb / 20P
   Y2K-Compliant Watchdog Real-Time Clocks
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
[Old version datasheet]   Y2K-Enhanced Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com