Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1670E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1670E
Description  Portable System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1670E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1670E Datasheet HTML 4Page - Maxim Integrated Products DS1670E Datasheet HTML 5Page - Maxim Integrated Products DS1670E Datasheet HTML 6Page - Maxim Integrated Products DS1670E Datasheet HTML 7Page - Maxim Integrated Products DS1670E Datasheet HTML 8Page - Maxim Integrated Products DS1670E Datasheet HTML 9Page - Maxim Integrated Products DS1670E Datasheet HTML 10Page - Maxim Integrated Products DS1670E Datasheet HTML 11Page - Maxim Integrated Products DS1670E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1670
8 of 16
switch by pulling the RST line low. After the internal 250ms timer has expired, the DS1670 will continue
to monitor the RST line. If the line is still low, the DS1670 will continue to monitor the line looking for a
rising edge. Upon detecting release, the DS1670 will force the RST line low and hold it low for 250ms.
The third microprocessor monitoring function provided by the DS1670 is a watchdog timer. The
watchdog timer function forces RST to the active state when the ST input is not stimulated within the
predetermined time period. The time period is set by the Time Delay (TD) bits in the Watchdog Register.
The time delay can be set to 250ms, 500ms, or 1000ms (see Figure 5). If TD0 and TD1 are both set to 0,
the watchdog timer is disabled. When enabled, the watchdog timer starts timing out from the set time
period as soon as RST is inactive. The default setting is for the watchdog timer to be enabled with
1000ms time delay. If a high-to-low transition occurs on the ST input pin prior to timeout, the watchdog
timer is reset and begins to time-out again. If the watchdog timer is allowed to timeout, then the RST
signal is driven to the active state for 250ms (typical). The ST input can be derived from microprocessor
address signals, data signals, and/or control signals. To guarantee that the watchdog timer does not
timeout, a high-to-low transition must occur at or less than the minimum period.
WATCHDOG TIMEOUT CONTROL Figure 5
WATCHDOG REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
TD1
TD0
WATCHDOG TIMEOUT
TD1
TD0
WATCHDOG TIMEOUT
0
0
Watchdog disabled
0
1
250ms
1
0
500ms
1
1
1000ms
ANALOG-TO-DIGITAL CONVERTER
The DS1670 provides a 3-channel, 8-bit analog-to-digital converter. The ADC reference voltage (2.55V
typical) is derived from an on-chip band-gap circuit. Three multiplexed analog inputs are provided
through the AIN0, AIN1, and AIN2 pins. The ADC is monotonic (no missing codes) and uses a
successive approximation technique to convert the analog signal into a digital code. An A/D conversion is
the process of assigning a digital code to an analog input voltage. This code represents the input value as
a fraction of the full-scale voltage (FSV) range. Thus, the FSV range is then divided by the ADC into 256
codes (8 bits). The FSV range is bounded by an upper limit equal to the reference voltage and the lower
limit, which is ground. The DS1670 has a FSV of 2.55V (typical) that provides a resolution of 10mV. An
input voltage equal to the reference voltage converts to FFh while an input voltage equal to ground
converts to 00h. The relative linearity of the ADC is ±0.5 LSB.
The ADC selects from one of three different analog inputs (AIN0–AIN2). The input that is selected is
determined by the Analog Input Select (AIS) bits in the Control Register. Table 2 lists the specific analog


Similar Part No. - DS1670E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1670E DALLAS-DS1670E Datasheet
252Kb / 17P
   Portable System Controller
More results

Similar Description - DS1670E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com