Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1558W-TRL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1558W-TRL
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1558W-TRL Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1558W-TRL Datasheet HTML 1Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 2Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 3Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 4Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 5Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 6Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 7Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 8Page - Maxim Integrated Products DS1558W-TRL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1558
2 of 18
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 13, 39
41, 43
N.C.
No Connection
2
A18
3
A16
4
A14
5
A12
6
A7
7
A6
8
A5
9
A4
10
A3
11
A2
12
A1
14
A0
27
A10
29
A11
30
A9
31
A8
32
A13
36
A15
44
A17
Address Inputs for Address Decode. The DS1558 uses the address inputs to determine
whether or not a read or write cycle should be directed to the attached SRAM or to the
RTC registers.
15
DQ0
16
DQ1
17
DQ2
19
DQ3
20
DQ4
21
DQ5
22
DQ6
23
DQ7
Data Input/Outputs. Data input/output pins for the RTC registers.
18, 45,
48
GND
Ground
24
CER
Active-Low Chip-Enable RAM.
CE is passed through to CER, with an added
propagation delay. When the signals on A0–A18 match an RTC address,
CER is held
high, disabling the SRAM. If
OE is also low, the RTC outputs data on DQ0–DQ7.
25
OER
Active-Low Output-Enable RAM.
OE is passed through to OER, with an added
propagation delay. When the signals on A0–A18 match an RTC address,
CER is held
high, disabling the SRAM. If
CE is also low, the RTC outputs data on DQ0–DQ7.
26
CE
Active-Low Chip-Enable Input. Used to access the RTC and the external SRAM.
28
OE
Active-Low Output-Enable Input. Used to access the RTC and the external SRAM.
33
IRQ/FT
Active-Low Interrupt/Frequency-Test Output. This pin is used to output the alarm
interrupt or the frequency test signal. It is open drain and requires an external pullup
resistor.
34
WE
Active-Low Write Enable. Used to write data to the RTC registers.


Similar Part No. - DS1558W-TRL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558W DALLAS-DS1558W Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
More results

Similar Description - DS1558W-TRL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com