Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1500YE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1500YE
Description  Y2K Watchdog RTC with Nonvolatile Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1500YE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1500YE Datasheet HTML 2Page - Maxim Integrated Products DS1500YE Datasheet HTML 3Page - Maxim Integrated Products DS1500YE Datasheet HTML 4Page - Maxim Integrated Products DS1500YE Datasheet HTML 5Page - Maxim Integrated Products DS1500YE Datasheet HTML 6Page - Maxim Integrated Products DS1500YE Datasheet HTML 7Page - Maxim Integrated Products DS1500YE Datasheet HTML 8Page - Maxim Integrated Products DS1500YE Datasheet HTML 9Page - Maxim Integrated Products DS1500YE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS1500 Y2KC Watchdog RTC with Nonvolatile Control
6 of 19
Figure 4. Burst Mode Timing Waveform
A 0–A 4
DQ0 – DQ7
O E , W E , OR C S
13h
PW HIGH
PW LOW
POWER-UP/DOWN CHARACTERISTICS (Figure 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS, CEI, or WE at VIH Before Power-Fail
tPF
0
µs
VCCI Fall Time: VPF(MAX) to VPF(MIN)
tF
300
µs
VCCI Fall Time: VPF(MIN) to VSO
tFB
10
µs
VCCI Rise Time: VPF(MIN) to VPF(MAX)
tR
0
µs
VPF to RST High
tREC
35
200
ms
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on
IRQ, PWR, RST, and DQ Pins
CIO
10
pF
AC TEST CONDITIONS
OUTPUT LOAD
INPUT PULSE
LEVELS
TIMING MEASUREMENT
REFERENCE LEVELS
INPUT PULSE RISE
AND FALL TIMES
(Y) 50pF + 1TTL Gate
Input: 1.5V
(W) 25pF + 1 TTL Gate
0V to 3.0V for
5V operation
Output: 1.5V
5ns


Similar Part No. - DS1500YE

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1500YEN DALLAS-DS1500YEN Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
More results

Similar Description - DS1500YE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
   Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com