Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C146-15JC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C146-15JC
Description  2K x 8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-15JC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C146-15JC Datasheet HTML 3Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 4Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 5Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 6Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 7Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 8Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 9Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 10Page - Cypress Semiconductor CY7C146-15JC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
Document #: 38-06031 Rev. *C
Page 7 of 18
Switching Waveforms
Read Cycle No. 1 (Either Port-Address Access)[19, 20]
Read Cycle No. 2 (Either Port-CE/OE)[19, 21]
Read Cycle No. 3 (Read with BUSY Master: CY7C132 and CY7C136)
Notes:
19. R/W is HIGH for read cycle.
20. Device is continuously selected, CE = VIL and OE = VIL.
21. Address valid prior to or coincident with CE transition LOW.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
CE
OE
tLZCE
tPU
ICC
ISB
tPD
tBHA
tBDD
VALID
tDDD
tWDD
ADDRESS MATCH
ADDRESS MATCH
R/WR
ADDRESSR
DINR
ADDRESSL
BUSYL
DOUTL
tPS
tBLA
tRC
tPWE
VALID


Similar Part No. - CY7C146-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-15JC CYPRESS-CY7C146-15JC Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com